công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS6001AIG325 bảng dữ liệu(PDF) 10 Page - Silicon Laboratories

tên linh kiện TS6001AIG325
Giải thích chi tiết về linh kiện  Improved Electrical Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS6001AIG325 bảng dữ liệu(HTML) 10 Page - Silicon Laboratories

Back Button TS6001AIG325 Datasheet HTML 5Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 6Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 7Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 8Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 9Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 10Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 11Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 12Page - Silicon Laboratories TS6001AIG325 Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TS6001
Page 10
TS6001 Rev. 1.0
For example, if VSY is 0V, then the upper input
supply voltage level for the circuit is 35V. With a
2.1k
Ω load and the TS6001’s supply current of 35µA
(max), this circuit supplies approximately a 1.23-mA
current to the load.
In many current source applications, the possibility
of
an
output
short-circuit
condition
-
whether
transient or sustained - exists. It is recommended to
test thoroughly for either scenario to prevent the
possibility that the TS6001 would be exposed to a
total voltage from its IN terminal to GND terminal
higher than its absolute maximum rating of 13.5V.
Boosting the TS6001’s Output Current Drive
While the TS6001 is capable of sourcing up to
500µA with excellent load regulation, there are
applications where tight load regulation is required at
much higher output load currents. By adding a
general-purpose, industry-standard PNP transistor
and one resistor to the TS6001’s basic configuration
as shown in Figure 7, increasing a precision
reference’s
output
source
current
drive
is
straightforward. Using a 2N2905 PNP transistor and
a 1.5k
Ω resistor, the TS6001 is able to maintain
excellent
load
regulation
while
sourcing
load
currents up to 150mA. If the application circuit is
designed to operate across a wide temperature
range, it is recommended that circuit performance is
thoroughly evaluated across the PNP transistor’s
beta (
β, or current gain) distribution. When the PNP
transistor’s current gain is a minimum, the increase
in base current must be absorbed by the TS6001 for
a given load current. For higher output load currents,
higher output power PNP transistors can be used so
long as good thermal management techniques are
applied and transistor current-gain vs ambient
temperature behavior is evaluated.
Figure 6: Using the TS6001-2.5 in a High-Input
Voltage Floating Current Source.
Figure 7: Boosting the TS6001’s Output Current
with an External PNP Transistor.


Số phần tương tự - TS6001AIG325

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS6001AIG325T TOUCHSTONE-TS6001AIG325T Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325T TOUCHSTONE-TS6001AIG325T Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325TP TOUCHSTONE-TS6001AIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325TP TOUCHSTONE-TS6001AIG325TP Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

Mô tả tương tự - TS6001AIG325

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ultralife Corporation.
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
   Improved low temperature performance
Rev -
logo
Vincotech
10-FZ122PA075SC01-P998F18 VINCOTECH-10-FZ122PA075SC01-P998F18 Datasheet
2Mb / 15P
   AlN substrate for improved performance
10-FZ122PA100FC01-P999F58 VINCOTECH-10-FZ122PA100FC01-P999F58 Datasheet
2Mb / 15P
   AlN substrate for improved performance
logo
Keysight Technologies
N5392C KEYSIGHT-N5392C Datasheet
1Mb / 15P
   Electrical Performance Validation
U7232C KEYSIGHT-U7232C Datasheet
7Mb / 19P
   Electrical Performance Validation
logo
Agilent(Hewlett-Packard...
N5394A HP-N5394A Datasheet
774Kb / 11P
   DVI Electrical Performance
logo
Bel Fuse Inc.
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 32P
   Full digital controls for improved performance
logo
Agilent(Hewlett-Packard...
N5392A HP-N5392A Datasheet
1Mb / 14P
   Ethernet Electrical Performance
logo
Unisonic Technologies
UCS1605SL-D08-T UTC-UCS1605SL-D08-T Datasheet
272Kb / 7P
   Frequency hopping for Improved EMI Performance
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com