công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3300ITQ1633 bảng dữ liệu(PDF) 10 Page - Silicon Laboratories

tên linh kiện TS3300ITQ1633
Giải thích chi tiết về linh kiện  High-Efficiency Boost Output Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3300ITQ1633 bảng dữ liệu(HTML) 10 Page - Silicon Laboratories

Back Button TS3300ITQ1633 Datasheet HTML 4Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 5Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 7Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 8Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 9Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 10Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 11Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS3300
Page 10
TS3300 Rev. 1.0
Boost Input Anti-CrushTM Feature
The TS3300 includes an anti-crushTM feature to
prevent the collapse of the input voltage to the boost
regulator when the input is a weak (high impedance)
source. If the input voltage drops below a determined
voltage threshold (settable by a resistor divider), the
boost
regulator
switching
cycles
are
paused,
effectively
limiting
the
minimum
input
voltage.
Anti-crushTM is useful in applications where a buffer
capacitor at the boost’s output can service burst
loads, and the input source exhibits substantial
source impedance (such as with an old battery, or at
cold temperatures).
To set the anti-crushTM voltage, a feedback pin
(BI FB) in conjunction with a voltage divider circuit
can be implemented as shown in Figure 4. The
feedback pin voltage is 392mV. It is recommended to
use large resistor values to minimize additional
current draw at the input.
Using the following equation to solve for R5 for a
given R6 value, the output voltage can be set:
R3=
V
ANTI-CRUSH
TM
- 0.392 R4
0.392
To set a 0.9V VANTI-CRUSHTM voltage with R4=1.37M
Ω,
R3 is calculated to be 1.78M
Ω. The anti-crushTM
voltage is to be set above the minimum input voltage
specification of the TS3300.
Figure 5 shows a scope capture of the load step
response. The measurement was performed with the
anti-crushTM voltage set to 0.9V. The output of the
Boost Regulator is pulsed with a 100mA load every
100ms for 1ms as shown by the pink curve, the input
voltage after a battery impedance of 10
Ω drops from
1.2V to 0.9V as shown by the blue curve and the
boost output voltage drops by only 160mV as shown
by the yellow curve. The TS3300 quickly replenishes
the 500µF capacitor and the output of the boost
regulator returns to 3V.
Figure 6 shows a scope capture of the anti-crushTM
feature in action at start-up under a heavy capacitive
load of 500µF and an input source impedance of
10
Ω. A high source impedance is typical of a weak
battery source. The measurement was performed
with the anti-crushTM voltage set to 0.9V. The purple
and blue traces represent the input current and boost
output voltage respectively. At start-up, the current
rises up to 50mA and drops to approximately 30mA
for approximately 40ms in order to charge the output
capacitor. At this point, the voltage to the input of the
TS3300 is 0.9V until the boost output achieves
regulation.
Figure 4. Setting the Anti-CrushTM Voltage with
a Voltage Divider
Large Output Capacitor Start-up with VAnti-Crush
TM=0.9V
RIN=10Ω, VBI=1.2V, VBO= 3V, CBO=500µF
Figure 6. Using Anti-CrushTM Feature at Start-up with Large
Output Capacitor and a 10
Ω Input Impedance.
Figure 5. Using Anti-CrushTM Feature to Maintain Output
Regulation with Load Step Response
Boost Load Step Response with VAnti-Crush
TM=0.9V
RIN=10Ω, VBI=1.2V, VBO= 3V, CBO=500µF, IBO=100mA


Số phần tương tự - TS3300ITQ1633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS3300ITQ1633T TOUCHSTONE-TS3300ITQ1633T Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
TS3300ITQ1633TP TOUCHSTONE-TS3300ITQ1633TP Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
More results

Mô tả tương tự - TS3300ITQ1633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM5180 HMSEMI-HM5180 Datasheet
624Kb / 6P
   60W output synchronous high efficiency boost chip
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
logo
Vincotech
10-F106BIB020FK-M285L VINCOTECH-10-F106BIB020FK-M285L Datasheet
452Kb / 5P
   High efficiency symmetric boost
logo
Richtek Technology Corp...
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com