công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3005ITD1033 bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện TS3005ITD1033
Giải thích chi tiết về linh kiện  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3005ITD1033 bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  TS3005ITD1033 Datasheet HTML 1Page - Silicon Laboratories TS3005ITD1033 Datasheet HTML 2Page - Silicon Laboratories TS3005ITD1033 Datasheet HTML 3Page - Silicon Laboratories TS3005ITD1033 Datasheet HTML 4Page - Silicon Laboratories TS3005ITD1033 Datasheet HTML 5Page - Silicon Laboratories TS3005ITD1033 Datasheet HTML 6Page - Silicon Laboratories TS3005ITD1033 Datasheet HTML 7Page - Silicon Laboratories TS3005ITD1033 Datasheet HTML 8Page - Silicon Laboratories TS3005ITD1033 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS3005
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
 Ultra Low Supply Current: 1.35
μA at 49Hz
 Supply Voltage Operation: 1.55V to 5.25V
 Single Resistor Sets FOUT at 50% Duty Cycle
 3-pin User-Programmable FOUT Period:
1.7ms
≤ tFOUT ≤ 33hrs
 FOUT Period Accuracy: 3%
 FOUT Period Drift: 0.02%/ºC
 Single Resistor Sets Output Frequency
 Separate PWM Control and Buffered Output
 FOUT/PWMOUT Output Driver Resistance:
160
APPLICATIONS
Portable and Battery-Powered Equipment
Low-Parts-Count Nanopower Oscillator
Compact Micropower Replacement for Crystal and
Ceramic Oscillators
Micropower Pulse-width Modulation Control
Micropower Pulse-position Modulation Control
Micropower Clock Generation
Micropower Sequential Timing
DESCRIPTION
The TS3005 is a single-supply, second-generation
oscillator/timer fully specified to operate at a supply
voltage range of 1.55V to 5.25V while consuming less
than 1.5
μA(max) supply current. Requiring only a
resistor to set the base output frequency (or output
period) at 49Hz (or 20.5ms) with a 50% duty cycle,
the TS3005 timer/oscillator is compact, easy-to-use,
and versatile. Optimized for ultra-long life, low
frequency, battery-powered/portable applications, the
TS3005 joins the TS3001, TS3002, TS3003, TS3004,
and
TS3006 in the CMOS timer family of “NanoWatt
Analog™”
high-performance
analog
integrated
circuits.
The TS3005 output period can be user-adjusted from
1.7ms to 33hrs without additional components. In
addition, the TS3005 represents a 25% reduction in
pcb area and a factor-of-10 lower power consumption
over
other
CMOS-based
integrated
circuit
oscillators/timers. When compared against industry-
standard 555-timer-based products, the TS3005
offers up to 84% reduction in pcb area and over three
orders of magnitude lower power consumption.
The TS3005 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile,
10-pin 3x3mm TDFN package with an exposed
back-side paddle.
A 1.55V to 5.25V, 1.35µA, 1.7ms to 33hrs Silicon Timer
TYPICAL APPLICATION CIRCUIT
TS3005, 5 Weeks and 5 Days Counter Circuit


Số phần tương tự - TS3005ITD1033

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS3005ITD1033T TOUCHSTONE-TS3005ITD1033T Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3005ITD1033TP TOUCHSTONE-TS3005ITD1033TP Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
More results

Mô tả tương tự - TS3005ITD1033

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com