công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1110-200ITQ1633 bảng dữ liệu(PDF) 8 Page - Silicon Laboratories

tên linh kiện TS1110-200ITQ1633
Giải thích chi tiết về linh kiện  Power Management Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1110-200ITQ1633 bảng dữ liệu(HTML) 8 Page - Silicon Laboratories

Back Button TS1110-200ITQ1633 Datasheet HTML 4Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 5Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 7Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 8Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 9Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 10Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 11Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
3. Electrical Characteristics
Table 3.1. Recommended Operating Conditions1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
Operating Voltage Range
VDD
1.7
5.25
V
Common-Mode Input Range
VCM
VRS+, Guaranteed by CMRR
2
27
V
Note:
1. All devices 100% production tested at TA = +25 °C. Limits over Temperature are guaranteed by design and characterization.
Table 3.2. DC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
No Load Input Supply Current
IRS+ + IRS–
See Note 2
0.68
1.2
μA
IVDD
See Note 2
TS1107
1.15
1.84
μA
TS1110
1.16
1.85
μA
Current Sense Amplifier
Common Mode Rejection Ratio
CMRR
2 V < VRS+ < 27 V
120
130
dB
Input Offset Voltage3
VOS
TA = +25 °C
±100
±150
μV
–40 °C < TA < +85 °C
±200
μV
VOS Hysteresis4
VHYS
TA = +25 °C
10
μV
Gain
G
TS1107-20, TS1110-20
20
V/V
TS1107-200, TS1110-200
200
V/V
Positive Gain Error5
GE+
TA = +25 °C
±0.1
±0.6
%
–40 °C < TA < +85 °C
±1
%
Negative Gain Error5
GE–
TA = +25 °C
±0.6
±1
%
–40 °C < TA < +85 °C
±1.4
%
Gain Match5
GM
TA = +25 °C
±0.6
±1
%
–40 °C < TA < +85 °C
±1.4
%
Transfer Resistance
ROUT
From FILT to OUT
28
40
52.8
CSA Buffer
Input Bias Current
IBuffer_BIAS
–40 °C < TA < +85 °C
0.3
nA
Input referred DC Offset
VBuffer_OS
±2.5
mV
Offset Drift
TCVBuffer_OS
–40 °C < TA < +85 °C
0.6
μV/°C
Input Common Mode Range
VBuffer_CM
–40 °C < TA < +85 °C
0.2
VDD –
0.2
V
TS1107/10 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7


Số phần tương tự - TS1110-200ITQ1633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS1115ACYRM TSC-TS1115ACYRM Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115ACYXXRM TSC-TS1115ACYXXRM Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS1115CTXXB0 TSC-TS1115CTXXB0 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS1115CWXXRP TSC-TS1115CWXXRP Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
More results

Mô tả tương tự - TS1110-200ITQ1633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com