công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1106-200ITD833 bảng dữ liệu(PDF) 8 Page - Silicon Laboratories

tên linh kiện TS1106-200ITD833
Giải thích chi tiết về linh kiện  Power Management Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1106-200ITD833 bảng dữ liệu(HTML) 8 Page - Silicon Laboratories

Back Button TS1106-200ITD833 Datasheet HTML 4Page - Silicon Laboratories TS1106-200ITD833 Datasheet HTML 5Page - Silicon Laboratories TS1106-200ITD833 Datasheet HTML 6Page - Silicon Laboratories TS1106-200ITD833 Datasheet HTML 7Page - Silicon Laboratories TS1106-200ITD833 Datasheet HTML 8Page - Silicon Laboratories TS1106-200ITD833 Datasheet HTML 9Page - Silicon Laboratories TS1106-200ITD833 Datasheet HTML 10Page - Silicon Laboratories TS1106-200ITD833 Datasheet HTML 11Page - Silicon Laboratories TS1106-200ITD833 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
3. Electrical Characteristics
Table 3.1. Recommended Operating Conditions1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
Operating Voltage Range
VDD
1.7
5.25
V
Common-Mode Input Range
VCM
VRS+, Guaranteed by CMRR
2
27
V
Note:
1. All devices 100% production tested at TA = +25 °C. Limits over Temperature are guaranteed by design and characterization.
Table 3.2. DC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
No Load Input Supply
Current
IRS+ + IRS–
See Note
2
0.68
µA
VRS+ = 25 V
1.2
µA
IVDD
See Note 2
0.76
1.3
µA
Current Sense Amplifier
Common Mode Re-
jection Ratio
CMRR
2 V < VRS+ < 27 V
120
130
dB
Input Offset Voltage3
VOS
TA = +25 °C
±30
±100
µV
–40 °C < TA < +85 °C
±200
µV
VOS Hysteresis4
VHYS
TA = +25 °C
10
µV
Gain
G
TS1105-20, TS1106-20
20
V/V
TS1105-200, TS1106-200
200
V/V
Gain Error5
GE
TA = +25 °C
±0.1
±0.6
%
–40 °C < TA < +85 °C
±1
%
Gain Match 5
GM
TA = +25 °C
±0.2
±0.6
%
–40C < TA < +85 °C
±1
%
Transfer Resistance
ROUT
From FILT to OUT
28
40
52
kW
CSA Buffer
Input Bias Current
IBuffer_BIAS
–40C < TA < +85 °C
0.3
nA
Input referred DC Off-
set
VBuffer_OS
±2.5
mV
Offset Drift
TCVBuffer_OS
–40 °C < TA < +85 °C
0.6
µV/°C
Input Common Mode
Range
VCM_Buffer
–40 °C < TA < +85 °C
0.2
VDD – 0.2
V
Output Range
VOUT(MIN,
MAX)
IOUT = ±150 µA
0.2
VDD – 0.2
V
TS1105/06 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7


Số phần tương tự - TS1106-200ITD833

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Mô tả tương tự - TS1106-200ITD833

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com