công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1107 bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện TS1107
Giải thích chi tiết về linh kiện  Power Management Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1107 bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  TS1107 Datasheet HTML 1Page - Silicon Laboratories TS1107 Datasheet HTML 2Page - Silicon Laboratories TS1107 Datasheet HTML 3Page - Silicon Laboratories TS1107 Datasheet HTML 4Page - Silicon Laboratories TS1107 Datasheet HTML 5Page - Silicon Laboratories TS1107 Datasheet HTML 6Page - Silicon Laboratories TS1107 Datasheet HTML 7Page - Silicon Laboratories TS1107 Datasheet HTML 8Page - Silicon Laboratories TS1107 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TS1107/10 Data Sheet
Electronic Circuit Breaker: High Side Current Sense Amplifier with
Current Limiter Comparator and FET Control (TS1110 only)
The TS1110 Electronic Circuit Breaker uses a bidirectional current-sense amplifier for
current limit detection to disconnect the load by use of an external P-channel MOSFET.
An internal Current Limit Comparator with an adjustable threshold provides a latch capa-
ble output to signal when a fault condition has occurred. Once the Current Limit Compa-
rator’s output is latched the internal FET control is enabled which drives the gate of the
external P-channel MOSFET, disconnecting the load from the power supply. Once the
fault condition is removed, the system may be reset by strobing or pulling the latch ena-
ble pin, CLATCH, low. The Circuit Breaker system delay of the TS1110 is typically 428
µs. The Current Limiter system delay of the TS1107 and TS1110 is typically 670 µs.
Applications
• Power Management Systems
• Portable/Battery-Powered Systems
• Smart Chargers
• Battery Monitoring
• Overcurrent and Undercurrent Detection
• Remote Sensing
• Industrial Controls
KEY FEATURES
• Circuit Breaker with Latching Load
Disconnect
• Internal Latching Current Limiter
Comparator with CLATCH Reset
• Programmable Current Limit
• COUT Output Signals Fault Condition
• Low Supply Current
• Current Sense Amplifier: 0.68 µA
• TS1110 IVDD: 1.16 µA
• TS1107 IVDD: 1.15 µA
• High Side Bidirectional Current Sense
Amplifier
• Wide CSA Input Common Mode Range: +2
V to +27 V
• Low CSA Input Offset Voltage: 150
µV(max)
• Low Gain Error: 1% (max)
• Two Gain Options Available for TS1107
and TS1110:
• Gain = 20 V/V : TS1107-20 and
TS1110-20
• Gain = 200 V/V : TS1107-200 and
TS1110-200
• 16-Pin TQFN Packaging (3 mm x 3 mm)
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


Số phần tương tự - TS1107

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Mô tả tương tự - TS1107

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com