công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1106-20ITD833 bảng dữ liệu(PDF) 6 Page - Silicon Laboratories

tên linh kiện TS1106-20ITD833
Giải thích chi tiết về linh kiện  Power Management Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1106-20ITD833 bảng dữ liệu(HTML) 6 Page - Silicon Laboratories

Back Button TS1106-20ITD833 Datasheet HTML 2Page - Silicon Laboratories TS1106-20ITD833 Datasheet HTML 3Page - Silicon Laboratories TS1106-20ITD833 Datasheet HTML 4Page - Silicon Laboratories TS1106-20ITD833 Datasheet HTML 5Page - Silicon Laboratories TS1106-20ITD833 Datasheet HTML 6Page - Silicon Laboratories TS1106-20ITD833 Datasheet HTML 7Page - Silicon Laboratories TS1106-20ITD833 Datasheet HTML 8Page - Silicon Laboratories TS1106-20ITD833 Datasheet HTML 9Page - Silicon Laboratories TS1106-20ITD833 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2.4.3 Total Load Current Accuracy
In the TS1105/06’s linear region where VOUT(min) < VOUT < VOUT(max), there are two specifications related to the circuit’s accuracy: a)
the TS1105/06 CSA’s input offset voltage (VOS(max) = 150 μV), b) the TS1105/06 CSA’s gain error (GE(max) = 1%). An expression for
the TS1105/06’s total error is given by:
VOUT = VBIAS + GAIN × (1 ± GE) × VSENSE ± (GAIN × VOS)
A large value for RSENSE permits the use of smaller load currents to be measured more accurately because the effects of offset voltag-
es are less significant when compared to larger VSENSE voltages. Due care though should be exercised as previously mentioned with
large values of RSENSE.
2.4.4 Circuit Efficiency and Power Dissipation
IR loses in RSENSE can be large especially at high load currents. It is important to select the smallest, usable RSENSE value to minimize
power dissipation and to keep the physical size of RSENSE small. If the external RSENSE is allowed to dissipate significant power, then
its inherent temperature coefficient may alter its design center value, thereby reducing load current measurement accuracy. Precisely
because the TS1105/06 CSA’s input stage was designed to exhibit a very low input offset voltage, small RSENSE values can be used to
reduce power dissipation and minimize local hot spots on the pcb.
2.4.5 RSENSE Kelvin Connections
For optimal VSENSE accuracy in the presence of large load currents, parasitic pcb track resistance should be minimized. Kelvin-sense
pcb connections between RSENSE and the TS1105/06’s RS+ and RS– terminals are strongly recommended. The drawing below illus-
trates the connections between the current-sense amplifier and the current-sense resistor. The pcb layout should be balanced and sym-
metrical to minimize wiring-induced errors. In addition, the pcb layout for RSENSE should include good thermal management techniques
for optimal RSENSE power dissipation.
Figure 2.4. Making PCB Connections to RSENSE
2.4.6 RSENSE Composition
Current-shunt resistors are available in metal film, metal strip, and wire-wound constructions. Wire-wound current-shunt resistors are
constructed with wire spirally wound onto a core. As a result, these types of current shunt resistors exhibit the largest self-inductance. In
applications where the load current contains high-frequency transients, metal film or metal strip current sense resistors are recommen-
ded.
2.4.7 Internal Noise Filter
In power management and motor control applications, current-sense amplifiers are required to measure load currents accurately in the
presence of both externally-generated differential and common-mode noise. An example of differential-mode noise that can appear at
the inputs of a current-sense amplifier is high-frequency ripple. High-frequency ripple (whether injected into the circuit inductively or ca-
pacitively) can produce a differential-mode voltage drop across the external current-shunt resistor, RSENSE. An example of externally-
generated, common-mode noise is the high-frequency output ripple of a switching regulator that can result in common-mode noise in-
jection into both inputs of a current-sense amplifier.
Even though the load current signal bandwidth is dc, the input stage of any current-sense amplifier can rectify unwanted, out-of-band
noise that can result in an apparent error voltage at its output. Against common-mode injection noise, the current-sense amplifier’s in-
ternal common-mode rejection ratio is 130 dB (typ).
To counter the effects of externally-injected noise, the TS1105-06 incorporates a 50 kHz (typ), 2nd-order differential low-pass filter as
shown in the TS1105-06’s block diagram, thereby eliminating the need for an external low-pass filter which can generate errors in the
offset voltage and the gain error.
TS1105/06 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5


Số phần tương tự - TS1106-20ITD833

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Mô tả tương tự - TS1106-20ITD833

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com