công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS-5H-3.15A bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện SS-5H-3.15A
Giải thích chi tiết về linh kiện  300V Subminiature, Radial Leaded, Time-Delay Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-5H-3.15A bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  SS-5H-3.15A Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-5H-3.15A Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-5H-3.15A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
300V Subminiature, Radial Leaded, Time-Delay Fuses
SS-5H Series
0914 BU-SB11759
Page 1 of 3
Data Sheet 4416
Description
Radial leaded, time delay subminiature fuse with high breaking capacity,
designed to IEC 60127-3, Sheet 4. SS-5H series provides protection up to
300Vac with an interrupting rating of 100A.
Features
• Plastic cap and base, flammability UL 94V0 for additional protection
• Protects against harmful overcurrents in primary and secondary
applications
• Small rectangular-leaded design minimizes PCB space
• Solderability to save cost for additional mounting components
• High frequency vibration: MIL-STD-202F, Method 201A
• Halogen-free
• RoHS compliant
• Lead-free
Applications
• Power supplies
• Power adapters
• Battery chargers
• Notebooks
• Printers
• TVs / Displays
• White goods
• Set top boxes
• Air conditioners
• Lighting ballasts
Agency Information
• cURus approval: Guide JDYX2, File E 19180 and Guide JDYX8,
File E19180
• VDE approval: Certificate No: 40031800
• TUV approval: Certificate No: J 50190080
• CQC approval: Certificate No: CQC11012056980
• PSE approval: Certificate No: JET 1641-31007-1006 (1-5A);
JET 1641-31007-1007 (6.3A)
• KC-Mark approval: Certificate No: SU05011-11001 (1~2.5A);
SU05011-11002 (3.15~6.3A)
Part Number System
SS-5H
-1A
–APH
Series Number
Amp Rating
Packaging Code Suffix and Voltage Rating
Ordering
• Specify product and packaging code (i.e., SS-5H-1A-AP)
• Packaging Codes: Ammo Pack (1000 fuses); -AP=250V, -APH=300V
Bulk Polybag (200 fuses); -BK=250V, -BKH=300V
Specifications
Voltage
Interrupting Rating
Catalog
Rating
(amps) @ Rated
Typical DC Cold
Typical
Typical Voltage
Agency Information
Number
(Vac)1
Voltage (50Hz)
Resistance (mW)
Melt I2t*
Drop@1In (mV)
VDE1
TUV1
cURus1
CQC1 KC-Mark1 PSE1
SS-5H-1A
300
100
78
7.4
94.5
X2
XX
XX
X
SS-5H-1.25A
300
100
57
12.75
93.5
X2
XX
XX
X
SS-5H-1.6A
300
100
43
23
71.5
XX
XX
XX
SS-5H-2A
300
100
31.15
29.8
75
X2
XX
XX
X
SS-5H-2.5A
300
100
23
40.3
74.5
X2
XX
XX
X
SS-5H-3.15A
300
100
17.5
67
62.5
XX
XX
XX
SS-5H-4A
300
100
12
87
65.4
XX
XX
XX
SS-5H-5A
300
100
7.35
120
43
XX
XX
XX
SS-5H-6.3A
300
100
7.40
176
59
XX
XX
XX
Electrical Characteristics
Rated
1.5 xIn 2.1 xIn
2.75 xIn
4 xIn
10 xIn
Current
min
max
min
max
min
max
min
max
1A-6.3A
1 hr
2 min 400 mS 10 Sec. 150 mS 3 Sec. 20 mS 150 mS
Pb
HALOGEN
HF
FREE
*I
2t Value is measured at 10In DC.
† Typical Cold Resistance (Measured at <10% of rated current).
‡ Typical Voltage Drop (Voltage drop was measured at 20°C ambient temperature at rated current).
1. CQC and KC-Mark Voltage rating only 250Vac. VDE, TUV, cURus and PSE voltage ratings given at
both 250Vac and 300Vac.
2. Pending VDE voltage ratings: 250Vac (1.25, 2.5A), 300Vac (1, 1.25, 2, 2.5A)
Radial Leaded Device


Số phần tương tự - SS-5H-3.15A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Eaton All Rights Reserv...
SS-5H-3.15A EATON-SS-5H-3.15A Datasheet
495Kb / 5P
   300V Subminiature, radial leaded, time-delay fuses
More results

Mô tả tương tự - SS-5H-3.15A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Eaton All Rights Reserv...
SS-5H EATON-SS-5H Datasheet
495Kb / 5P
   300V Subminiature, radial leaded, time-delay fuses
logo
List of Unclassifed Man...
SR-5H ETC2-SR-5H Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
SR-5H-1A COOPER-SR-5H-1A Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
SR-5-2A-AP COOPER-SR-5-2A-AP Datasheet
421Kb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SR-5-1A-AP COOPER-SR-5-1A-AP Datasheet
1Mb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SS-5-1A COOPER-SS-5-1A Datasheet
807Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Eaton All Rights Reserv...
SS-5 EATON-SS-5 Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com