công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ31707EVM-002 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMZ31707EVM-002
Giải thích chi tiết về linh kiện  Simple Switcher짰 Power Module Evaluation Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ31707EVM-002 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMZ31707EVM-002 Datasheet HTML 3Page - Texas Instruments LMZ31707EVM-002 Datasheet HTML 4Page - Texas Instruments LMZ31707EVM-002 Datasheet HTML 5Page - Texas Instruments LMZ31707EVM-002 Datasheet HTML 6Page - Texas Instruments LMZ31707EVM-002 Datasheet HTML 7Page - Texas Instruments LMZ31707EVM-002 Datasheet HTML 8Page - Texas Instruments LMZ31707EVM-002 Datasheet HTML 9Page - Texas Instruments LMZ31707EVM-002 Datasheet HTML 10Page - Texas Instruments LMZ31707EVM-002 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
Bill of Materials
7
Bill of Materials
Table 3 is the BOM for the EVM.
Table 3. LMZ317xxEVM Bill of Materials
-001
-002
-003
RefDes
Value
Description
Size
Part Number
Mfg
3
3
3
C1, C3, C5
22uF
Capacitor, Ceramic, 25V, X5R, 10%
1210
GRM32ER61E226K
Murata
3
3
3
C2, C4, C6
100uF
Capacitor, Ceramic, 6.3V, X5R, 20%
1210
GRM32ER60J107M
Murata
1
1
1
C7
100uF
Capacitor, Polymer, 25V, 20%
6.3mm
EEH-ZA1E101XP
Panasonic
1
1
1
C8
220uF
Capacitor, Polymer, 10V, 20%
D3L
10TPE220ML
Sanyo
1
1
1
C9
0.1uF
Capacitor, Ceramic, 25V, X7R, 10%
0805
Std
Std
1
1
1
C10
4.7uF
Capacitor, Ceramic, 25V, X5R, 10%
0805
GRM21BR61E475K
Murata
2
2
2
J1,J2
310-43-102-41-001000
Header, Female, 1x2 socket, 0.1" centers
0.100 inch x 1 x 2
310-43-102-41-001000
Mill-Max
1
1
1
P1
PEC03SAAN
Header, Male, 1x3 pin, 0.1" centers
0.100 inch x 1 x 3
PEC03SAAN
Sullins
2
2
2
P2, P3
PEC07DAAN
Header, Male, 2x7 pin, 0.1" centers
0.100 inch x 2 x 7
PEC07DAAN
Sullins
0
0
0
P4, P5
PEC02SAAN (not populated)
Header, Male, 1x2 pin, 0.1" centers
0.100 inch x 1 x 2
PEC02SAAN
Sullins
0
0
0
R1
optional (user-defined)
Resistor, Chip, 1/16W, 1%
0402
Std
Std
0
0
0
R2
optional (user-defined)
Resistor, Chip, 1/16W, 1%
0402
Std
Std
1
1
1
R3
52.3k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R4
63.4k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R5
90.9k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R6
169k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R7
487k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R8
1M
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R9
2.87k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R10
1.43k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R11
715
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R12
453
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R13
316
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
1
R14
196
Resistor, Chip, 1/16W, 1%
0603
Std
Std
0
0
0
R15
0 (not populated)
Resistor, Chip, 1/10W, 1%
0805
Std
Std
0
0
0
R16
1k (not populated)
Resistor, Chip, 1/10W, 1%
0805
Std
Std
2
2
2
TB1,TB2
ED120/2DS
Terminal Block, 2-pin, 15A, 5.1mm
0.40 x 0.35 inch
ED120/2DS
OST
1
1
1
TB3
ED555/2DS
Terminal Block, 2-pin, 6A, 3.5mm
0.27 x 0.25 inch
ED555/2DS
OST
2
2
2
TP1,TP2
5010
Test Point, Red, Wire Loop, Thru Hole
0.125 x 0.125 inch
5010
Keystone
5
5
5
TP3, TP4, TP5, TP6, TP9
5011
Test Point, Black, Wire Loop, Thru Hole
0.125 x 0.125 inch
5011
Keystone
5
5
5
TP7, TP8, TP10, TP11, TP13
5012
Test Point, White, Wire Loop, Thru Hole
0.125 x 0.125 inch
5012
Keystone
0
0
0
TP12, TP14
---
Test Point, Internal
---
---
---
1
0
0
U1
LMZ31710RVQ
Sync Buck, 2.95V to 17V Input, 10A Output
10x10x4.3 mm QFN
LMZ31710RVQ
TI
0
1
0
U1
LMZ31707RVQ
Sync Buck, 2.95V to 17V Input, 7A Output
10x10x4.3 mm QFN
LMZ31707RVQ
TI
0
0
1
U1
LMZ31704RVQ
Sync Buck, 2.95V to 17V Input, 4A Output
10x10x4.3 mm QFN
LMZ31704RVQ
TI
3
3
3
---
---
Shunt, Black
0.100 inch x 1 x 2
929950-00
3M
4
4
4
---
---
Bumpon, Hemisphere, Black
0.44 Dia. x 0.20 inch
SJ-5003
3M
7
SLVU895A – March 2013 – Revised June 2013
LMZ31710, LMZ31707 and LMZ31704 Simple Switcher® Power Module
Evaluation Module
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Số phần tương tự - LMZ31707EVM-002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707RVQR TI1-LMZ31707RVQR Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707RVQT TI1-LMZ31707RVQT Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results

Mô tả tương tự - LMZ31707EVM-002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002 TI1-LMZ34002_14 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
logo
National Semiconductor ...
LMZ10504 NSC-LMZ10504 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum
LMZ14203 NSC-LMZ14203_2 Datasheet
1Mb / 6P
   Inverting Application for the SIMPLE SWITCHER짰 Power Module
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
logo
Texas Instruments
LMZ20502EVM TI-LMZ20502EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501 TI1-LMZ20501 Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com