công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ30602 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ30602
Giải thích chi tiết về linh kiện  LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ30602 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMZ30602 Datasheet HTML 6Page - Texas Instruments LMZ30602 Datasheet HTML 7Page - Texas Instruments LMZ30602 Datasheet HTML 8Page - Texas Instruments LMZ30602 Datasheet HTML 9Page - Texas Instruments LMZ30602 Datasheet HTML 10Page - Texas Instruments LMZ30602 Datasheet HTML 11Page - Texas Instruments LMZ30602 Datasheet HTML 12Page - Texas Instruments LMZ30602 Datasheet HTML 13Page - Texas Instruments LMZ30602 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
List of Material
www.ti.com
8
List of Material
Table 4. LMZ3060xEVM-00x List of Material
-003
-002
-001
REF DES
DESCRIPTION
Part Number
MFR
1
1
1
C1
Capacitor, ceramic, 10 V, x5R, 10%, 47 µF,
GRM32ER61A476K
Murata
1210
1
1
1
C2
Capacitor, ceramic, 6.3 V, x5R, 20%, 47 µF,
GRM32ER60J476M
Murata
1210
1
1
1
C7
Capacitor, polymer, 10 V, 20%, 220 µF, D3L
10TPE220ML
Sanyo
0
0
0
C8
Capacitor, polymer, 10 V, 20%, 220 µF, D3L
10TPE220ML
Sanyo
1
1
1
C4
Capacitor, polymer, 6.3 V, 20%, 100 µF, B2
6TPE100MPB
Sanyo
0
0
0
C3, C5, C6
Capacitor, ceramic, 0.1 µF, 1210
Std
STD
0
0
0
10
Capacitor, ceramic, 0.01 µF, 0402
STD
STD
2
2
2
J1-2
Header, male 2 x 5 pin, 100-mil spacing, 0.100
PEC05DAAN
Sullins
inch x 5 inch x 2 inch
1
1
1
R3
Resistor, chip, 1/16 W, 1%, 2.87 k
Ω, 0603
STD
STD
1
1
1
R4
Resistor, chip, 1/16 W, 1%, 1.15 k
Ω, 0603
STD
STD
1
1
1
R5
Resistor, chip, 1/16 W, 1%, 681
Ω, 0603
STD
STD
1
1
1
R6
Resistor, chip, 1/16 W, 1%, 464
Ω, 0603
STD
STD
1
1
1
R7
Resistor, chip, 1/16 W, 1%, 348 k
Ω, 0603
STD
STD
1
1
1
R8
Resistor, chip, 1/16 W, 1%, 715 k
Ω, 0603
STD
STD
1
1
1
R9
Resistor, chip, 1/16 W, 1%, 1.2 M
Ω, 0603
STD
STD
1
1
1
R10
Resistor, chip, 1/16 W, 5%, 0
Ω, 0603
STD
STD
1
1
1
R13
Resistor, chip, 1/16 W, 1%, 174 k
Ω, 0603
STD
STD
1
1
1
R14
Resistor, chip, 1/16 W, 1%, 113 k
Ω, 0603
STD
STD
0
0
0
R1, R2, R11,
Resistor, chip, 1/16 W, 1%, 100 k
Ω, 0402
Std
Std
R12
10
LMZ30604EVM-001/LMZ30602EVM-002/LMZ30606EVM-003, 2-A to 6-A Simple
SNVU296 – JULY 2013
Switcher Power Module
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Số phần tương tự - LMZ30602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGR TI-LMZ30602RKGR Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGR TI1-LMZ30602RKGR Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGT TI-LMZ30602RKGT Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Mô tả tương tự - LMZ30602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com