công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54ACTQ16245 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 54ACTQ16245
Giải thích chi tiết về linh kiện  16-Bit Transceiver with TRI-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ16245 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ16245 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ16245 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ16245 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ16245 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ16245 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ16245 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54ACTQ16245
16-Bit Transceiver with TRI-STATE® Outputs
General Description
The ’ACTQ16245 contains sixteen non-inverting bidirec-
tional buffers with TRI-STATE outputs and is intended for
bus oriented applications. The device is byte controlled.
Each has separate control inputs which can be shorted to-
gether for full 16-bit operation. The T/R inputs determine the
direction of data flow through the device. The OE inputs dis-
able both the A and B ports by placing them in a high imped-
ance state.
The ’ACTQ16245 utilizes NSC Quiet Series technology to
guarantee quiet output switching and improved dynamic
threshold performance. FACT Quiet Series® features GTO®
output control for superior performance.
Features
n Utilizes NSC FACT Quiet Series technology
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Bidirectional non-inverting buffers
n Separate control logic for each byte
n 16-bit version of the ’ACTQ245
n Outputs source/sink 24 mA
n Standard Microcircuit Drawing (SMD) 5962-9562001
Logic Symbol
Pin Description
Pin Names
Description
OE
n
Output Enable Input (Active Low)
T/R
Transmit/Receive Input
A
0–A15
Side A Inputs/Outputs
B
0–B15
Side B Outputs/Inputs
Connection Diagram
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACTand FACT Quiet Seriesare trademarks of Fairchild Semiconductor Corporation.
DS010926-1
Pin Assignment for CERPAK
DS010926-2
September 1998
© 1998 National Semiconductor Corporation
DS010926
www.national.com


Số phần tương tự - 54ACTQ16245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240F NSC-54ACTQ16240F Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16244 NSC-54ACTQ16244 Datasheet
74Kb / 6P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16244F NSC-54ACTQ16244F Datasheet
74Kb / 6P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
More results

Mô tả tương tự - 54ACTQ16245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SNJ54ABT16245WD TI-SNJ54ABT16245WD Datasheet
299Kb / 12P
[Old version datasheet]   54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
logo
National Semiconductor ...
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
54ACTQ16646 NSC-54ACTQ16646 Datasheet
92Kb / 8P
   16-Bit Transceiver/Register with TRI-STATE Outputs
54ABT16373 NSC-54ABT16373 Datasheet
117Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
54ACTQ16373 NSC-54ACTQ16373 Datasheet
82Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com