công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM46002PWPEVM bảng dữ liệu(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

tên linh kiện LM46002PWPEVM
Giải thích chi tiết về linh kiện  evaluation module (EVM) helps designers evaluate the operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Trang chủ  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

LM46002PWPEVM bảng dữ liệu(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  LM46002PWPEVM Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46002PWPEVM Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46002PWPEVM Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46002PWPEVM Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46002PWPEVM Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46002PWPEVM Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46002PWPEVM Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46002PWPEVM Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46002PWPEVM Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
User's Guide
SNVU302 – March 2014
LM46002EVM User’s Guide
Introduction
The Texas Instruments LM46002EVM evaluation module (EVM) helps designers evaluate the operation
and performance of the LM46002 wide-input voltage Simple Switcher® buck regulator. The device offers
configurability in a 1-V to 28-V output voltage, synchronous rectification and a 200-kHz to 2.2-MHz
adjustable frequency range. It also offers external frequency synchronization, power good (PG) flag, and a
precision enable to program undervoltage lockout (UVLO) and internal compensation. The LM46002EVM
is configured for an output voltage of 3.3 V and a switching frequency of 500 kHz. Refer to the LM46002
datasheet for additional features, detailed description and available options.
The EVM contains one DC-DC converter (See Table 1).
Table 1. Device and Package Configurations
CONVERTER
IC
PACKAGE
U1
LM46002
(PWP) HTSSOP-16
Setup
This section describes the test points and connectors on the EVM and how to properly connect, set up
and use the LM46002EVM. Please refer to Figure 1 for a top view of the EVM and relative placement of
the different test points and edge connector.
1
SNVU302 – March 2014
LM46002EVM User’s Guide
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Số phần tương tự - LM46002PWPEVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM46002PWP TI-LM46002PWP Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002PWPR TI-LM46002PWPR Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002PWPT TI-LM46002PWPT Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM46002PWPEVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEXAS ADVANCED OPTOELEC...
LM46001PWPEVM TAOS-LM46001PWPEVM Datasheet
767Kb / 14P
   evaluation module (EVM) helps designers evaluate the operation
LM46002EVM TAOS-LM46002EVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
LM43603PWPEVM TAOS-LM43603PWPEVM Datasheet
925Kb / 16P
   LM43603EVM evaluation module (EVM) helps designers evaluate the operation
LM46000PWPEVM TAOS-LM46000PWPEVM Datasheet
802Kb / 14P
   LM46000EVM evaluation module (EVM) helps designers evaluate the operation
logo
Texas Instruments
SNAU136 TI-SNAU136 Datasheet
1Mb / 29P
[Old version datasheet]   The Texas Instruments LMX2581EVM evaluation module (EVM) helps designers evaluate the operation and performance of the LMX2581 Wideband Frequency Synthesizer.
logo
TEXAS ADVANCED OPTOELEC...
LM43603EVM TAOS-LM43603EVM Datasheet
925Kb / 16P
   evaluation module (EVM) helps designers evaluate the operation and performance of the LM43603 wide-input voltage Simple Switcher buck regulator
HDC1050EVM TAOS-HDC1050EVM Datasheet
4Mb / 46P
   HDC1050EVM evaluation module (EVM) enables designers to evaluate the operation and performance of the HDC1050 Relative Humidity and Temperature sensor.
logo
Texas Instruments
DAC161S997EVM TI1-DAC161S997EVM Datasheet
8Mb / 16P
[Old version datasheet]   helps designers evaluate the operation and performance of the DAC161S997 4-20mA Loop Drive with SPI control
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD7XEVM TI-SN65HVD7XEVM Datasheet
1Mb / 17P
[Old version datasheet]   This manual describes the SN65HVD7xEVM Evaluation Module (EVM).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com