công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM46002EVM bảng dữ liệu(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
LM46002EVM bảng dữ liệu(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
3 / 16 page RENT Enable _ Voltage VIH _ EN 1 RENB § · ¨ ¸ © ¹ www.ti.com Setup where • VIH_EN is 2.2 V (typ) (1) PG – Testpoint— is used to monitor the power good flag. This flag indicates whether the output voltage has reached its regulation point. This terminal is an open-drain output that requires a pullup resistor to the appropriate logic voltage (any voltage less than 14 V). A pre-installed resistor RPG1 of 100 k Ω is tied to the PG terminal and brought out to the PG_PULL UP test point. PG_PULL UP – Testpoint— is the top connection of the pre-assembled 100-k Ω RPG1 pullup resistor that ties directly to the open-drain PG terminal. Supply an appropriate voltage to this test point, or tie it directly to the VOUT test point to observe the PG flag operation. BIAS – Testpoint— is used to monitor the BIAS voltage. A pre-installed capacitor of 4.7 µF is connected from the BIAS terminal to ground (GND). This node is connected to VOUT through a zero Ohm resistor pre-installed on the bottom layer, labeled (RBIAS). SYNC – Testpoint — is the input terminal for an optional external input clock to the converter. The external clock frequency must be between 200 kHz and 2.2 MHz, if used. A pulldown resistor of 100 k Ω (RSYNC) is installed on the EVM. SW – Testpoint— is used to monitor the voltage on the switch terminal and the switching frequency of the voltage regulator. Remove this test point before making any electromagnetic interference (EMI) measurements. VSUPPLY – Edge Connector terminal #9— is used to supply the input voltage through an on board LC filter (if one is needed for conducted EMI/EMC measurements). The Lin and Cd component pads are located on the bottom side of the EVM. Please refer to the EVM schematic for initial suggestion of component values. 2 Setup Set the input voltage (VIN) range for the converter between the operating voltage range of 3.5 V to 60 V. If a load is driven, it should be applied to the VOUT terminal and should not exceed the maximum load current of 2 A. 3 Operation For proper operation of the LM46002, VIN, GND, and VOUT should be properly configured as stated above. In this configuration, the device will start up when power is applied and the output voltage of the regulator (VOUT) will come up to the proper value. The default setting for output voltage of the LM46002EVM is 3.3 V. Other output voltages can be set by replacing the feedback terminal resistor dividers RFBT and RFBB; please consult the datasheet for proper selection of these resistor values. The default frequency for the LM46002EVM is 500 kHz. If other frequencies are desired, within the frequency range of 200 kHz and 2.2 MHz, the RT resistor value can be changed. Please consult the datasheet for proper selection of the RT resistor. You must change inductor (L_60V_HC) and total output capacitance for proper control loop operation. 3 SNVU302 – March 2014 LM46002EVM User’s Guide Submit Documentation Feedback Copyright © 2014, Texas Instruments Incorporated |
Số phần tương tự - LM46002EVM |
|
Mô tả tương tự - LM46002EVM |