công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM46001PWPEVM bảng dữ liệu(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

tên linh kiện LM46001PWPEVM
Giải thích chi tiết về linh kiện  evaluation module (EVM) helps designers evaluate the operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Trang chủ  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

LM46001PWPEVM bảng dữ liệu(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  LM46001PWPEVM Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46001PWPEVM Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46001PWPEVM Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46001PWPEVM Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46001PWPEVM Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46001PWPEVM Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46001PWPEVM Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46001PWPEVM Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM46001PWPEVM Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Preview
Input/Output (I/O) Connector Description
www.ti.com
Figure 1. Top View of LM46001EVM
3
Input/Output (I/O) Connector Description
VIN – Terminal on J2— is the power input terminal for the converter. The terminal edge connector also
provides a power (VIN) and ground (GND) connection to allow the user to attach the EVM to a
cable harness.
VOUT – Terminal on J3— is the regulated output voltage for the converter. The terminal edge connector
also provides a power (VOUT) and ground (GND) connection to allow the user to attach the EVM to
a cable harness.
GND – Terminal on J2 and J3— are the ground reference for the converter. The terminal edge connector
also provides a GND connection for attaching the EVM to a cable harness.
EN – Testpoint— is used to enable the converter by supplying a voltage greater than 2.2 V (typ) or just to
monitor the voltage on this terminal whenever a resistor divider is in place (for precision enable
applications). The LM46001EVM is built for a precision enable application with resistors RENT and
RENB pre-assembled. The regulator will be enabled when VIN > 3.5 V. This threshold can be
calculated by:
2
LM46001EVM User Guide
SNVU422 – June 2014
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Số phần tương tự - LM46001PWPEVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM46001PWP TI1-LM46001PWP Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001PWPR TI1-LM46001PWPR Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001PWPT TI1-LM46001PWPT Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM46001PWPEVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEXAS ADVANCED OPTOELEC...
LM46002PWPEVM TAOS-LM46002PWPEVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
LM46002EVM TAOS-LM46002EVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
LM43603PWPEVM TAOS-LM43603PWPEVM Datasheet
925Kb / 16P
   LM43603EVM evaluation module (EVM) helps designers evaluate the operation
LM46000PWPEVM TAOS-LM46000PWPEVM Datasheet
802Kb / 14P
   LM46000EVM evaluation module (EVM) helps designers evaluate the operation
logo
Texas Instruments
SNAU136 TI-SNAU136 Datasheet
1Mb / 29P
[Old version datasheet]   The Texas Instruments LMX2581EVM evaluation module (EVM) helps designers evaluate the operation and performance of the LMX2581 Wideband Frequency Synthesizer.
logo
TEXAS ADVANCED OPTOELEC...
LM43603EVM TAOS-LM43603EVM Datasheet
925Kb / 16P
   evaluation module (EVM) helps designers evaluate the operation and performance of the LM43603 wide-input voltage Simple Switcher buck regulator
HDC1050EVM TAOS-HDC1050EVM Datasheet
4Mb / 46P
   HDC1050EVM evaluation module (EVM) enables designers to evaluate the operation and performance of the HDC1050 Relative Humidity and Temperature sensor.
logo
Texas Instruments
DAC161S997EVM TI1-DAC161S997EVM Datasheet
8Mb / 16P
[Old version datasheet]   helps designers evaluate the operation and performance of the DAC161S997 4-20mA Loop Drive with SPI control
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD7XEVM TI-SN65HVD7XEVM Datasheet
1Mb / 17P
[Old version datasheet]   This manual describes the SN65HVD7xEVM Evaluation Module (EVM).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com