công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM556 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM556
Giải thích chi tiết về linh kiện  Dual Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM556 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM556 Datasheet HTML 1Page - Texas Instruments LM556 Datasheet HTML 2Page - Texas Instruments LM556 Datasheet HTML 3Page - Texas Instruments LM556 Datasheet HTML 4Page - Texas Instruments LM556 Datasheet HTML 5Page - Texas Instruments LM556 Datasheet HTML 6Page - Texas Instruments LM556 Datasheet HTML 7Page - Texas Instruments LM556 Datasheet HTML 8Page - Texas Instruments LM556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DISCHARGE
THRESHOLD
CTRL VOLTAGE
RESET
OUTPUT
TRIGGER
GND
TRIGGER
OUTPUT
RESET
CTRL VOLTAGE
THRESHOLD
VCC
DISCHARGE
LM556
www.ti.com
SNAS549A – MARCH 2000 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
D or NFF Package
14-Pin SOIC or PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CONTROL
Controls the threshold and trigger levels. It determines the pulse width of the output
VOLTAGE
3
I
waveform. An external voltage applied to this pin can also be used to modulate the output
(Timer 0)
waveform.
CONTROL
Controls the threshold and trigger levels. It determines the pulse width of the output
VOLTAGE
11
I
waveform. An external voltage applied to this pin can also be used to modulate the output
(Timer 1)
waveform.
DISCHARGE
Open collector output which discharges a capacitor between intervals (in phase with output).
1
I
(Timer 0)
It toggles the output from high to low when voltage reaches 2/3 of supply voltage.
DISCHARGE
Open collector output which discharges a capacitor between intervals (in phase with output).
13
I
(Timer 1)
It toggles the output from high to low when voltage reaches 2/3 of supply voltage.
GND
7
O
Ground reference voltage
OUTPUT
5
O
Output driven waveform
(Timer 0)
OUTPUT
9
O
Output driven waveform
(Timer 1)
RESET
Negative pulse applied to this pin to disable or reset the timer. When not used for reset
4
I
(Timer 0)
purposes, it should be connected to Vcc to avoid false triggering.
RESET
Negative pulse applied to this pin to disable or reset the timer. When not used for reset
10
I
(Timer 1)
purposes, it should be connected to Vcc to avoid false triggering.
THRESHOLD
Compares the voltage applied to the terminal with a reference voltage of 2/3 VCC. The
2
I
(Timer 0)
amplitude of voltage applied to this terminal is responsible for the set state of the flip-flop.
TRIGGER
Responsible for transition of the flip-flop from set to reset. The output of the timer depends
6
I
(Timer 0)
on the amplitude of the external trigger pulse applied to this pin.
THRESHOLD
Compares the voltage applied to the terminal with a reference voltage of 2/3 VCC. The
12
I
(Timer 1)
amplitude of voltage applied to this terminal is responsible for the set state of the flip-flop.
TRIGGER
Responsible for transition of the flip-flop from set to reset. The output of the timer depends
8
I
(Timer 1)
on the amplitude of the external trigger pulse applied to this pin.
VCC
14
I
Supply voltage with respect to GND
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM556


Số phần tương tự - LM556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
logo
Texas Instruments
LM556 TI-LM556 Datasheet
235Kb / 10P
[Old version datasheet]   LM556 Dual Timer
LM556 TI-LM556 Datasheet
235Kb / 10P
[Old version datasheet]   LM556 Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556 Datasheet
109Kb / 3P
   LINEAR INTEGRATED CIRCUIT
More results

Mô tả tương tự - LM556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
logo
Fairchild Semiconductor
KA556 FAIRCHILD-KA556 Datasheet
44Kb / 8P
   Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
   DUAL TIMER
logo
Texas Instruments
LM556 TI1-LM556_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
   DUAL TIMER
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
logo
New Japan Radio
NJM556 NJRC-NJM556 Datasheet
200Kb / 5P
   DUAL TIMER
logo
Unisonic Technologies
UTCLM556 UTC-UTCLM556 Datasheet
49Kb / 3P
   DUAL TIMER
UTCNE556 UTC-UTCNE556 Datasheet
49Kb / 3P
   DUAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com