công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5676RBRUZ bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD5676RBRUZ
Giải thích chi tiết về linh kiện  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5676RBRUZ bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD5676RBRUZ Datasheet HTML 2Page - Analog Devices AD5676RBRUZ Datasheet HTML 3Page - Analog Devices AD5676RBRUZ Datasheet HTML 4Page - Analog Devices AD5676RBRUZ Datasheet HTML 5Page - Analog Devices AD5676RBRUZ Datasheet HTML 6Page - Analog Devices AD5676RBRUZ Datasheet HTML 7Page - Analog Devices AD5676RBRUZ Datasheet HTML 8Page - Analog Devices AD5676RBRUZ Datasheet HTML 9Page - Analog Devices AD5676RBRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
AD5672R/AD5676R
Data Sheet
Rev. B | Page 6 of 34
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS2
Input Current
±1
±1
µA
Per pin
Input Voltage
Low, VINL
0.3 ×
VLOGIC
0.3 ×
VLOGIC
V
High, VINH
0.7 ×
VLOGIC
0.7 ×
VLOGIC
V
Pin Capacitance
3
3
pF
LOGIC OUTPUTS (SDO)2
Output Voltage
Low, VOL
0.4
0.4
V
ISINK = 200 μA
High, VOH
VLOGIC
0.4
VLOGIC
0.4
V
ISOURCE = 200 μA
Floating State Output
Capacitance
4
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
1.8
5.5
V
ILOGIC
1
1
µA
Power-on, −40°C to +105°C
1.3
1.3
µA
Power-on, −40°C to +125°C
0.5
0.5
µA
Power-down, −40°C to +105°C
1.3
1.3
µA
Power-down, −40°C to +125°C
VDD
2.7
5.5
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode9
1.1
1.26
1.1
1.26
mA
Internal reference off, −40°C to +85°C
1.8
2.0
1.8
2.0
mA
Internal reference on, −40°C to +85°C
1.1
1.3
1.1
1.3
mA
Internal reference off
1.8
2.1
1.8
2.1
mA
Internal reference on
All Power-Down Modes10
1
1.7
1
1.7
µA
Tristate to 1 kΩ, −40°C to +85°C
1
1.7
1
1.7
µA
Power down to 1 kΩ, −40°C to +85°C
1
2.5
1
2.5
µA
Tristate, −40°C to +105°C
1
2.5
1
2.5
µA
Power down to 1 kΩ, −40°C to
+105°C
1
5.5
1
5.5
µA
Tristate to 1 kΩ, −40°C to +125°C
1
5.5
1
5.5
µA
Power down to 1 kΩ, −40°C to +125°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1, or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 256 to 65,280.
2
Guaranteed by design and characterization; not production tested.
3
Together, Channel 0, Channel 1, Channel 2, and Channel 3 can source/sink 40 mA. Similarly, together, Channel 4, Channel 5, Channel 6, and Channel 7 can source/sink
40 mA up to a junction temperature of 125°C.
4
VDD = 5 V. The devices include current limiting intended to protect the devices during temporary overload conditions. Junction temperature can be exceeded during
current limit. Operation above the specified maximum operation junction temperature may impair device reliability.
5
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV.
6
Initial accuracy presolder reflow is ±750 µV; output voltage includes the effects of preconditioning drift. See the Internal Reference Setup section.
7
Reference is trimmed and tested at two temperatures and is characterized from −40°C to +125°C.
8
Reference temperature coefficient calculated as per the box method. See the Terminology section for further information.
9
Interface inactive. All DACs active. DAC outputs unloaded.
10
All DACs powered down.


Số phần tương tự - AD5676RBRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5676R AD-AD5676R Datasheet
1Mb / 28P
   Easy implementation
More results

Mô tả tương tự - AD5676RBRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com