công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9154 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD9154
Giải thích chi tiết về linh kiện  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9154 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD9154 Datasheet HTML 2Page - Analog Devices AD9154 Datasheet HTML 3Page - Analog Devices AD9154 Datasheet HTML 4Page - Analog Devices AD9154 Datasheet HTML 5Page - Analog Devices AD9154 Datasheet HTML 6Page - Analog Devices AD9154 Datasheet HTML 7Page - Analog Devices AD9154 Datasheet HTML 8Page - Analog Devices AD9154 Datasheet HTML 9Page - Analog Devices AD9154 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
AD9154
Data Sheet
Rev. B | Page 6 of 124
DIGITAL SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL
Input Voltage (V
IN) Logic
High
1.8 V ≤ IOVDD ≤ 3.3 V
0.7 × IOVDD
V
Low
1.8 V ≤ IOVDD ≤ 3.3 V
0.3 × IOVDD
V
CMOS OUTPUT LOGIC LEVEL
Output Voltage (V
OUT) Logic
High
1.8 V ≤ IOVDD ≤ 3.3 V
0.7 × IOVDD
V
Low
1.8 V ≤ IOVDD ≤ 3.3 V
0.3 × IOVDD
V
MAXIMUM DAC UPDATE RATE1
1× interpolation2 (see Table 4)
1096
MSPS
2× interpolation3
2192
MSPS
4× interpolation
2400
MSPS
8× interpolation
2400
MSPS
ADJUSTED DAC UPDATE RATE
1× interpolation
1096
MSPS
2× interpolation
1096
MSPS
4× interpolation
600
MSPS
8× interpolation
300
MSPS
INTERFACE4
Number of JESD204B Lanes
8
Lanes
JESD204B Serial Interface Speed
Minimum
Per lane
1.44
Gbps
Maximum
Per lane, SVDD12 = 1.3 V ± 2%
10.96
Gbps
DAC CLOCK INPUT (CLK±)
Differential Peak-to-Peak Voltage
400
1000
2000
mV
Common-Mode Voltage
Self biased input, ac-coupled
600
mV
Maximum Clock Rate, DAC Clock
Sourced Directly from CLK±
2400
MHz
PLL Multiplier Mode Clock Input
Frequency5
6.0 GHz ≤ f
VCO ≤ 12.0 GHz
35
1000
MHz
SYSREF INPUT (SYSREF±)
Differential Peak-to-Peak Voltage
400
1000
2000
mV
Common-Mode Voltage
0
2000
mV
SYSREF± Frequency6
f
DATA/(K × (F/S))
Hz
SYSREF± TO DAC CLOCK7
SYSREF± differential swing = 0.4 V,
slew rate = 1.3 V/ns, (ac-coupled, and
0 V, 0.6 V, 1.25 V, 2.0 V dc-coupled
common-mode voltages)
Setup Time
t
SSD
111
ps
Hold Time
t
HSD
145
ps
SPI
See timing diagrams shown in
Figure 39 and Figure 40
Maximum Clock Rate
SCLK
IOVDD = 1.8 V
10
MHz
Minimum SCLK Pulse Width
High
t
PWH
8
ns
Low
t
PWL
12
ns
SDIO to SCLK
Setup Time
t
DS
5
ns
Hold Time
t
DH
2
ns
SDO to SCLK
Data Valid Window
t
DV
25
ns


Số phần tương tự - AD9154

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154-EBZ AD-AD9154-EBZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154-FMC-EBZ AD-AD9154-FMC-EBZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154-M6720-EBZ AD-AD9154-M6720-EBZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
AD9154BCPAZ AD-AD9154BCPAZ Datasheet
2Mb / 124P
   Digital-to-Analog Converter
More results

Mô tả tương tự - AD9154

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com