công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5721RBRUZ-RL7 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD5721RBRUZ-RL7
Giải thích chi tiết về linh kiện  Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5721RBRUZ-RL7 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD5721RBRUZ-RL7 Datasheet HTML 1Page - Analog Devices AD5721RBRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD5721RBRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD5721RBRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD5721RBRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD5721RBRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD5721RBRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD5721RBRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD5721RBRUZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Data Sheet
AD5761R/AD5721R
SPECIFICATIONS
VDD1 = 4.75 V to 30 V, VSS1 = −16.5 V to 0 V, AGND = DGND = 0 V, VREFIN/VREFOUT = 2.5 V external, DVCC = 1.7 V to 5.5 V, RLOAD = 1 kΩ
for all ranges except 0 V to 16 V and 0 V to 20 V for which RLOAD = 2 kΩ, CLOAD = 200 pF, all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter2
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
External reference3 and internal reference, outputs
unloaded
Programmable Output Ranges
0
5
V
0
10
V
0
16
V
0
20
V
−2.5
+7.5
V
−3
+3
V
−5
+5
V
−10
+10
V
AD5761R
Resolution
16
Bits
Relative Accuracy, INL
A Grade
−8
+8
LSB
External reference3 and internal reference
B Grade4
−2
+2
LSB
All ranges except 0 V to 16 V and 0 V to 20 V,
VREFIN/VREFOUT = 2.5 V external and internal reference
Differential Nonlinearity, DNL
−1
+1
LSB
AD5721R
Resolution
12
Bits
Relative Accuracy, INL
B Grade
−0.5
+0.5
LSB
External reference3 and internal reference
Differential Nonlinearity, DNL
−0.5
+0.5
LSB
Zero-Scale Error
−6
+6
mV
All ranges except ±10 V and 0 V to 20 V, external
reference3
−10
+10
mV
0 V to 20 V, ±10 V ranges, external reference3
−6
+6
mV
All ranges except ±5 V, ±10 V and 0 V to 20 V,
internal reference
−8
+8
mV
±5 V range, internal reference
−9
+9
mV
0 V to 20 V range, internal reference
−13
+13
mV
±10 V range, internal reference
Zero-Scale Temperature
Coefficient (TC)5
±5
µV/°C
Unipolar ranges, external reference3 and internal
reference
±15
µV/°C
Bipolar ranges, external reference3 and internal
reference
Bipolar Zero Error
−5
+5
mV
All bipolar ranges except ±10 V
−7
+7
mV
±10 V output range
Bipolar Zero TC5
±2
µV/°C
±3 V range, external reference3 and internal
reference
±5
µV/°C
All bipolar ranges except ±3 V range, external
reference3 and internal reference
Offset Error
−6
+6
mV
All ranges except ±10 V and 0 V to 20 V, external
reference3
−10
+10
mV
0 V to 20 V, ±10 V ranges, external reference3
−6
+6
mV
All ranges except ±5 V, ±10 V, and 0 V to 20 V;
internal reference
−8
+8
mV
±5 V range, internal reference
−9
+9
mV
0 V to 20 V range, internal reference
−13
+13
mV
±10 V range, internal reference
Rev. A | Page 3 of 35


Số phần tương tự - AD5721RBRUZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5721RBRUZ-RL7 AD-AD5721RBRUZ-RL7 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
More results

Mô tả tương tự - AD5721RBRUZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5761R-EP AD-AD5761R-EP Datasheet
296Kb / 11P
   Multiple Range, 16-Bit, Bipolar/Unipolar Voltage Output DAC with 7 ppm/째C Reference
Rev. 0
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
AD5761R AD-AD5761R_18 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com