công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54ACT825 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 54ACT825
Giải thích chi tiết về linh kiện  8-Bit D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT825 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  54ACT825 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT825 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT825 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT825 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT825 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT825 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT825 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT825 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to 7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC +0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC +0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC +0.5V
+20 mA
DC Output Voltage (V
O)
+0.5V
DC Output Source or Sink Current
(I
O)
±50 mA
DC V
CC or Ground Current
Per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
’ACT
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54ACT
−55˚C to +125˚C
Minimum Input Edge Rate (
∆V/∆t)
’ACT Devices
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of FACTcircuits outside databook specifications.
DC Electrical Characteristics
54ACT
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to
+125˚C
Guaranteed
Limits
V
IH
Minimum High Level
4.5
2.0
V
V
OUT = 0.1V
Input Voltage
5.5
2.0
or V
CC −0.1V
V
IL
Maximum Low Level
4.5
0.8
V
OUT = 0.1V
Input Voltage
5.5
0.8
or V
CC −0.1V
V
OH
Minimum High Level
4.5
4.4
V
I
OUT = −50 µA
5.5
5.4
(Note 2)
V
IN = VIL or VIH
4.5
3.70
V
I
OH = −24 mA
5.5
4.70
I
OH = −24 mA
V
OL
Maximum Low Level
4.5
0.1
V
I
OUT = 50 µA
Output Voltage
5.5
0.1
(Note 2)
V
IN = VIL or VIH
4.5
0.50
V
I
OL = 24 mA
5.5
0.50
I
OL = 24 mA
I
IN
Maximum Input Leakage Current
5.5
±1.0
µA
V
I = VCC, GND
I
OZ
Maximum TRI-STATE Current
5.5
±10.0
µA
V
I = VIL,VIH
V
O = VCC, GND
I
CCT
Maximum I
CC/Input
5.5
1.6
mA
V
I = VCC −2.1V
(Note 3)
I
OLD
Minimum Dynamic
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
Output Current
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
160
µA
V
IN = VCC
Supply Current
or GND
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
www.national.com
4


Số phần tương tự - 54ACT825

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACT821 NSC-54ACT821 Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT821F NSC-54ACT821F Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT821L NSC-54ACT821L Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT821SD NSC-54ACT821SD Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
More results

Mô tả tương tự - 54ACT825

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT825 FAIRCHILD-74ACT825 Datasheet
74Kb / 7P
   8-Bit D-Type Flip-Flop
74F825 FAIRCHILD-74F825_00 Datasheet
63Kb / 6P
   8-Bit D-Type Flip-Flop
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131 Datasheet
104Kb / 4P
   4-BIT D FLIP-FLOP
1996 REV 3
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
   4-BIT D FLIP-FLOP
logo
Texas Instruments
74ACT11825 TI1-74ACT11825 Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com