công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2434TM bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LMX2434TM
Giải thích chi tiết về linh kiện  Dual High-Frequency Synthesizer
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2434TM bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMX2434TM Datasheet HTML 1Page - Texas Instruments LMX2434TM Datasheet HTML 2Page - Texas Instruments LMX2434TM Datasheet HTML 3Page - Texas Instruments LMX2434TM Datasheet HTML 4Page - Texas Instruments LMX2434TM Datasheet HTML 5Page - Texas Instruments LMX2434TM Datasheet HTML 6Page - Texas Instruments LMX2434TM Datasheet HTML 7Page - Texas Instruments LMX2434TM Datasheet HTML 8Page - Texas Instruments LMX2434TM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
LMX243x PLLatinum™ Dual High-Frequency Synthesizer for RF Personal
Communications
1 Features
2 Applications
1
Low Current Consumption
Mobile Handsets
Cordless Handsets
LMX2430 (RF/IF): 2.8 mA/ 1.4 mA
Wireless Data
LMX2433 (RF/IF): 3.2 mA/ 2 mA
Cable TV Tuners
LMX2434 (RF/IF): 4.6 mA/ 2.4 mA
2.25-V to 2.75-V Operation
3 Description
Synchronous/Asynchronous Power Down
Using
a
proprietary
digital-phase,
locked-loop
Multiple PLL Options:
technique, the LMX243x devices generate very
LMX2430 (RF/IF): 3 GHz /0.8 GHz
stable, low-noise control signals for RF and IF voltage
controlled
oscillators.
Both
the
RF
and
IF
LMX2433 (RF/IF): 3.6 GHz /1.7 GHz
synthesizers
include
a
two-level
programmable
LMX2434 (RF/IF): 5 GHz /2.5 GHz
charge pump. Both the RF and IF PLLs have
Programmable Charge-Pump Current Levels
dedicated fastlock circuitry with integrated time-out
counters which require only a single word write to
RF and IF: 1 or 4 mA
power up or change frequencies.
Fastlock With Integrated Time-Out Counters
Digital Filtered Lock-Detect Output
Device Information(1)
Analog Lock Detect (Push-Pull / Open-Drain)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
1.8-V MICROWIRE Logic Interface
ULGA (20)
3.50 mm × 3.50 mm
LMX243x
TSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
NOTE: 1 (2) refers to Pin 1 of the 20-Pin ULGA and Pin 2 of the 20-Pin TSSOP
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LMX2434TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2434TM NSC-LMX2434TM Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2434TMX NSC-LMX2434TMX Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2434TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Intersil Corporation
HFA3524 INTERSIL-HFA3524 Datasheet
172Kb / 15P
   2.5GHz/600MHz Dual Frequency Synthesizer
March 2000
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Integrated Device Techn...
844S42I IDT-844S42I Datasheet
428Kb / 28P
   Dual Output RF Frequency Synthesizer
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
NXP Semiconductors
UMA1005T PHILIPS-UMA1005T Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
logo
Renesas Technology Corp
ICS844S42I RENESAS-ICS844S42I Datasheet
705Kb / 29P
   Dual Output RF Frequency Synthesizer
April 28, 2016
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Fujitsu Component Limit...
MB15F73UL FUJITSU-MB15F73UL_01 Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com