công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2486SQX bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LMX2486SQX
Giải thích chi tiết về linh kiện  Low-Power Dual PLLatinum Frequency Synthesizers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2486SQX bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LMX2486SQX Datasheet HTML 1Page - Texas Instruments LMX2486SQX Datasheet HTML 2Page - Texas Instruments LMX2486SQX Datasheet HTML 3Page - Texas Instruments LMX2486SQX Datasheet HTML 4Page - Texas Instruments LMX2486SQX Datasheet HTML 5Page - Texas Instruments LMX2486SQX Datasheet HTML 6Page - Texas Instruments LMX2486SQX Datasheet HTML 7Page - Texas Instruments LMX2486SQX Datasheet HTML 8Page - Texas Instruments LMX2486SQX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
FinIF
24
14
15
13
16
17
18
19
20
23
21
22
7
12
11
8
10
9
5
4
6
3
2
1
Pin 0
(Ground Substrate)
VddIF1
GND
CPoutIF
VddIF2
OSCout
LE
FinRF*
FinRF
VddRF1
GND
CPoutRF
LMX2486
www.ti.com
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
5 Pin Configuration and Functions
RTW Package
24-Pin WQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
0
GND
Ground substrate; this is on the bottom of the package and must be grounded.
1
CPoutRF
O
RF PLL charge pump output
2
GND
RF PLL analog ground
3
VddRF1
RF PLL analog power supply
4
FinRF
I
RF PLL high-frequency input pin
5
FinRF*
I
RF PLL complementary high-frequency input pin; shunt to ground with a 100-pF capacitor.
MICROWIRE Load Enable; high-impedance CMOS input. Data stored in the shift registers is loaded
6
LE
I
into the internal latches when LE goes HIGH.
7
DATA
I
MICROWIRE Data; high-impedance binary serial data input.
MICROWIRE Clock; high-impedance CMOS Clock input. Data for the various counters is clocked into
8
CLK
I
the 24-bit shift register on the rising edge.
9
VddRF2
Power supply for RF PLL digital circuitry
10
CE
I
Chip Enable control pin; must be pulled high for normal operation.
11
VddRF5
I
Power supply for RF PLL digital circuitry
12
Ftest/LD
O
Test frequency output / Lock Detect
13
FinIF
I
IF PLL high-frequency input pin
14
VddIF1
IF PLL analog power supply
15
GND
IF PLL digital ground
16
CPoutIF
O
IF PLL charge pump output
17
VddIF2
IF PLL power supply
18
OSCout
O
Buffered output of the OSCin signal
Oscillator enable; when this is set to high, the OSCout pin is enabled regardless of the state of other
19
ENOSC
I
pins or register bits.
20
OSCin
I
Reference input
21
NC
I
This pin must be left open.
22
VddRF3
Power supply for RF PLL digital circuitry
23
FLoutRF
O
RF PLL fastlock output; also functions as programmable TRI-STATE CMOS output.
24
VddRF4
RF PLL analog power supply
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMX2486


Số phần tương tự - LMX2486SQX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
More results

Mô tả tương tự - LMX2486SQX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com