công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2430TM bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LMX2430TM
Giải thích chi tiết về linh kiện  Dual High-Frequency Synthesizer
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2430TM bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LMX2430TM Datasheet HTML 1Page - Texas Instruments LMX2430TM Datasheet HTML 2Page - Texas Instruments LMX2430TM Datasheet HTML 3Page - Texas Instruments LMX2430TM Datasheet HTML 4Page - Texas Instruments LMX2430TM Datasheet HTML 5Page - Texas Instruments LMX2430TM Datasheet HTML 6Page - Texas Instruments LMX2430TM Datasheet HTML 7Page - Texas Instruments LMX2430TM Datasheet HTML 8Page - Texas Instruments LMX2430TM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
5 Description continued
The LMX243x devices are high-performance frequency synthesizers with integrated dual-modulus prescalers. A
32/33 or a 16/17 prescale ratio can be selected for the 5-GHz LMX2434 RF synthesizer. An 8/9 or a 16/17
prescale ratio can be selected for both the LMX2430 and LMX2433 RF synthesizers. The IF circuitry contains an
8/9 or a 16/17 prescaler.
Serial data is transferred to the devices through a three-wire interface (DATA, LE, CLK). A low voltage logic
interface allows direct connection to 1.8-V devices. Supply voltages from 2.25 V to 2.75 V are supported.
6 Pin Configuration and Functions
NPE Package
PW Package
20-Pin ULGA Ultra Thin Chip Scale
20-Pin TSSOP Thin Shrink Small Outline
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
ULGA
TSSOP
MICROWIRE Clock input. High-impedance CMOS input. DATA is clocked into the
CLK
18
19
I
24-bit shift register on the rising edge of CLK.
IF PLL charge-pump output. The output is connected to the external loop filter,
CPoutIF
4
5
O
which drives the input of the IF VCO.
RF PLL charge-pump output. The output is connected to the external loop filter,
CPoutRF
12
13
O
which drives the input of the RF VCO.
MICROWIRE Data input. High-impedance CMOS input. Binary serial data. The MSB
DATA
19
20
I
of DATA is shifted in first. The two last bits are the control bits.
Chip Enable input. High-Impedance CMOS input. When this pin is set HIGH, the RF
and IF PLLs are powered up. Power down is then controlled through the
EN
3
4
I
MICROWIRE. When this pin is set LOW, the device is asynchronously powered
down, and the charge-pump output is forced to a high-impedance state (tri-state).
Oscillator Enable input. High-impedance CMOS input. When this pin is set HIGH,
the oscillator buffer is always powered up, independent of the state of the EN pin.
ENosc
5
6
I
When this pin is set LOW, the OSCout/ FLoutIF pin functions as an IF fastlock
output, which connects a resistor in parallel to R2 of the external loop filter.
FinIF
2
3
I
IF PLL prescaler input. Small signal input from the VCO.
RF PLL fastlock output. This pin connects a resistor in parallel to R2 of the external
FLoutRF
10
11
O
loop filter. This pin can also function as a general-purpose CMOS tri-state output.
FinRF
14
15
I
RF PLL prescaler input. Small-signal input from the VCO.
RF PLL prescaler complementary input. For single-ended operation, this pin must be
FinRF*
15
16
I
AC grounded through a 100-pF capacitor. The LMX243x can be driven differentially
when the AC-coupled capacitor is omitted.
Copyright © 2003–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMX2430 LMX2433 LMX2434


Số phần tương tự - LMX2430TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2430TM NSC-LMX2430TM Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2430TMX NSC-LMX2430TMX Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2430TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Intersil Corporation
HFA3524 INTERSIL-HFA3524 Datasheet
172Kb / 15P
   2.5GHz/600MHz Dual Frequency Synthesizer
March 2000
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Integrated Device Techn...
844S42I IDT-844S42I Datasheet
428Kb / 28P
   Dual Output RF Frequency Synthesizer
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
NXP Semiconductors
UMA1005T PHILIPS-UMA1005T Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
logo
Renesas Technology Corp
ICS844S42I RENESAS-ICS844S42I Datasheet
705Kb / 29P
   Dual Output RF Frequency Synthesizer
April 28, 2016
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Fujitsu Component Limit...
MB15F73UL FUJITSU-MB15F73UL_01 Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com