công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2485 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LMX2485
Giải thích chi tiết về linh kiện  3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2485 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMX2485_16 Datasheet HTML 4Page - Texas Instruments LMX2485_16 Datasheet HTML 5Page - Texas Instruments LMX2485_16 Datasheet HTML 6Page - Texas Instruments LMX2485_16 Datasheet HTML 7Page - Texas Instruments LMX2485_16 Datasheet HTML 8Page - Texas Instruments LMX2485_16 Datasheet HTML 9Page - Texas Instruments LMX2485_16 Datasheet HTML 10Page - Texas Instruments LMX2485_16 Datasheet HTML 11Page - Texas Instruments LMX2485_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
0
25
fOSCin (MHz)
20
10
0
-10
-20
-30
-40
-50
20
15
5
TA = -40
oC
TA = 85
oC
TA = 25
oC
10
TA = -40
oC, 25oC, and 85oC
0
25
fOSCin (MHz)
20
10
0
-10
-20
-30
-40
-50
20
15
5
VCC =2.5V
VCC = 3.6V
VCC = 3.0V
10
VCC = 2.5V, 3.0V, and 3.6V
0
150
fOSCin (MHz)
20
10
0
-10
-20
-30
-40
-50
90
60
30
TA = -40
oC, 25oC, and 85oC
TA = 85
oC
TA = 25
oC
10
120
TA = -40
oC
0
150
fOSCin (MHz)
20
10
0
-10
-20
-30
-40
-50
120
60
30
VCC = 2.5V, 3.0V, and 3.6V
VCC = 3.6V
VCC = 3.0V
90
10
VCC = 2.5V
0
1000
fFinIF (MHz)
20
10
0
-10
-20
-30
-40
-50
600
200
VCC = 2.5V
VCC = 3.0V
400
800
VCC = 2.5V
VCC = 3.6V
VCC = 3.0V
VCC = 3.6V
0
1000
fFinIF (MHz)
20
10
0
-10
-20
-30
-40
-50
600
200
TA = -40
oC, 25oC, and 85oC
400
800
TA = 85
oC
TA = 25
oC
TA = -40
oC
LMX2485, LMX2485E
SNAS236G – OCTOBER 2005 – REVISED JANUARY 2016
www.ti.com
Sensitivity (continued)
VCC = 3 V, IF_P = 16
TA = 25°C, IF_P = 16
Figure 5. IF PLL Fin Sensitivity
Figure 4. IF PLL Fin Sensitivity
TA = 25°C, OSC_2X = 0
VCC = 3 V, OSC_2X = 0
Figure 6. OSCin Sensitivity
Figure 7. OSCin Sensitivity
TA = 25°C, OSC_2X = 1
VCC = 3 V, OSC_2X = 1
Figure 8. OSCin Sensitivity
Figure 9. OSCin Sensitivity
8
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: LMX2485 LMX2485E


Số phần tương tự - LMX2485_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
More results

Mô tả tương tự - LMX2485_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Asahi Kasei Microsystem...
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
   1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com