công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1120-EK bảng dữ liệu(PDF) 2 Page - Silicon Laboratories

tên linh kiện SI1120-EK
Giải thích chi tiết về linh kiện  EVALUATION KIT USERS GUIDE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1120-EK bảng dữ liệu(HTML) 2 Page - Silicon Laboratories

  SI1120-EK Datasheet HTML 1Page - Silicon Laboratories SI1120-EK Datasheet HTML 2Page - Silicon Laboratories SI1120-EK Datasheet HTML 3Page - Silicon Laboratories SI1120-EK Datasheet HTML 4Page - Silicon Laboratories SI1120-EK Datasheet HTML 5Page - Silicon Laboratories SI1120-EK Datasheet HTML 6Page - Silicon Laboratories SI1120-EK Datasheet HTML 7Page - Silicon Laboratories SI1120-EK Datasheet HTML 8Page - Silicon Laboratories SI1120-EK Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Si1120-EK
2
Rev. 0.3
3.2. Hardware Setup
1. Ensure the shorting blocks are configured for basic operation on both boards, as shown in Figure 1 and
Figure 2.
2. Connect the Si1120 EVB to the 96-pin connector on the C8051F930 TB.
3. Connect the USB Debug Adapter to the DEBUG connector on the C8051F930 TB with the 10-pin ribbon cable.
4. Connect one end of a USB cable to the USB connector on the USB Debug Adapter, and the other end to a USB
Port on the PC.
5. Verify that a shorting block is installed on J17 of the C8051F930 TB and that SW5 is in the ON position.
6. Connect the ac/dc power adapter to power jack P1 on the C8051F930 TB (Optional).
7. Connect one end of a USB cable to connector P3 on the C8051F930 TB, and the other end to a USB port on
the PC. Note that the CP210x VCP drivers should have been installed during the software setup described in
“3.1. Software Download and Installation” . If the drivers are installed correctly, a dialog box will pop up notifying
the user that a new USB device has been found.
Refer to Figure 3 for the full hardware connection diagram.
Figure 1. Si1120 Evaluation Board—Shorting Block Settings
Figure 2. C8051F930 Target Board—Shorting Block and Switch Settings
P1
J3
VTX0
VDD
B1
J4
J9
J1
VTX0
VTX0
J2
U1
D1
D6
D7
D5
D2
D3
D4
SILICONLABS
Si1120 EVB
P0.2
P0.3
J3
J4
J2
`
P3
CP
2103
U3
P2
J9
USB POWER
RESET
P1.6
P1.5
SW4
J17
IMEASURE
H2
SILICON LABS
www.silabs.com
H1
J6
VDD/DC+
J5
J7
J13
F930
U1
J14
J11
VBAT
WALL_PWR
AAA_BAT
COIN_CELL
TOUCH SENSE SWITCH
P2.0
TOUCH SENSE SWITCH
P2.1
P1.4
J15
GND
J16
R15
J12
J8
+3VD
+1VD
VBAT
J1
SW5
ON
OFF
SW2
SW3
PORT2
PORT1
SW1
PORT0
C8051F930-TB
P1


Số phần tương tự - SI1120-EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
Si1120-A-GM SILABS-Si1120-A-GM Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
More results

Mô tả tương tự - SI1120-EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2102-EK SILABS-CP2102-EK Datasheet
223Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
SI1102-EK SILABS-SI1102-EK Datasheet
81Kb / 4P
   EVALUATION KIT USERS GUIDE
CP2130-EK SILABS-CP2130-EK Datasheet
1Mb / 32P
   EVALUATION KIT USERS GUIDE
CP2101-EK SILABS-CP2101-EK Datasheet
218Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
List of Unclassifed Man...
EVAL-868-ES ETC2-EVAL-868-ES Datasheet
309Kb / 5P
   ES SERIES BASIC EVALUATION KIT USERS GUIDE
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com