công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Si1102-A-GM bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện Si1102-A-GM
Giải thích chi tiết về linh kiện  OPTICAL PROXIMITY DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1102-A-GM bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  Si1102-A-GM Datasheet HTML 1Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 2Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 3Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 4Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 5Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 6Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 7Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 8Page - Silicon Laboratories Si1102-A-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 1.0 11/10
Copyright © 2010 by Silicon Laboratories
Si1102
Si1102
O PTICAL P ROXIMITY D ETECTOR
Features
Applications
Description
The Si1102 is a high-performance (0–50 cm) active proximity detector.
Because it operates on an absolute reflectance threshold principle, it avoids
the ambiguity of motion-based proximity systems.
The Si1102 consists of a patented, high-EMI immunity, differential photodiode
and a signal-processing IC with LED driver and high-gain optical receiver.
Proximity detection is based on measurements of reflected light from a
strobed, optically-isolated LED. The standard package for the Si1102 is an 8-
pin ODFN.
Functional Block Diagram
High-performance proximity
detector with a sensing range of up
to 50 cm
Single-pulse sensing mode for low
system power
Adjustable detection threshold and
strobe frequency
Proximity (PRX) status latch
enables controlling devices to
avoid missing a detection
High EMI immunity without
shielded packaging
2 to 5.25 V power supply
Operating temperature range:
–40 to +85 °C
Typical 10 µA current consumption
and ultra-low power of 1 mA typical
Current driven (400 mA) or
saturated LED driver output
Small outline: 3x3 mm (ODFN)
Proximity sensing
Photo-interrupter
Occupancy sensing
Touchless switch
Object detection
Handsets
Intrusion/tamper detection
IR
Signal
processing
PRX
SREN
TXO
VSS
FR
LED
Drive
Shutdown
control
Oscillator
VDD
Infrared
emitter
Product
Case
Hi-Lo
Threshold
Output
Reflectance-Based Proximity Detection
U.S. Patent 5,864,591
U.S. Patent 6,198,118
U.S. Patent 7,486,386
Other patents pending
Pin Assignments
FR
VSS
TXO
TXGD
SREN
VDD
PRX
DNC
1
2
3
4
8
7
6
5
Si1102
ODFN


Số phần tương tự - Si1102-A-GM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1102-EK SILABS-SI1102-EK Datasheet
81Kb / 4P
   EVALUATION KIT USERS GUIDE
More results

Mô tả tương tự - Si1102-A-GM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
   Proximity Detector
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
   Proximity Detector
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com