công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL1010A470 bảng dữ liệu(PDF) 3 Page - Littelfuse

tên linh kiện SL1010A470
Giải thích chi tiết về linh kiện  Gas Discharge Tubes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1010A470 bảng dữ liệu(HTML) 3 Page - Littelfuse

  SL1010A470 Datasheet HTML 1Page - Littelfuse SL1010A470 Datasheet HTML 2Page - Littelfuse SL1010A470 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Gas Discharge Tubes
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/06/15
SL1010A Series
Direction of Feed
17.7
[0.697]
275.0
[10.83]
100.0
[3.94]
25.0
[0.98]
76.0
[2.99]
Reflow Condition
Pb-free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60 – 180 seconds
Average Ramp-up Rate (LiquidusTemp
(T
L) to peak)
3°C/second max.
T
S(max) to TL - Ramp-up Rate
5°C/second max.
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of Actual Peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second max.
Time 25°C to PeakTemperature (T
P)
8 minutes max.
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Soldering Parameters - Hand Soldering
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
'SM' Type Surface Mount Items: Packaged tape and reel carrier, 900 pcs/reel (specifications below)
Packaging
Dimensions are in millimeters [and inches]
Dimensions are in millimeters [and inches]
Part Numbering System and Ordering Information
F
= with Failsafe (Packed in carrier and tape, 900pcs/reel)
SM = Surface Mount (Packed in carrier and tape, 900pcs/reel)
SMF = Surface Mount with Failsafe (Packed in carrier and tape, 900pcs/reel)
Voltage
SL1010A Series
Pin Configuration
SL1010A XXX XX


Số phần tương tự - SL1010A470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdiode Electronics ...
SL10100 CHENDA-SL10100 Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SL10100 JUXING-SL10100 Datasheet
3Mb / 2P
   Surface Mount Schottky Rectifiers
logo
Microdiode Electronics ...
SL10100 CHENDA-SL10100 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SL10100.10A-TO-277 DGNJDZ-SL10100.10A-TO-277 Datasheet
356Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
logo
AMETHERM Circuit Protec...
SL1010002 AMETHERM-SL1010002 Datasheet
41Kb / 1P
   Circuit Protection Thermistors
More results

Mô tả tương tự - SL1010A470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com