công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZV358G-E1 bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện AZV358G-E1
Giải thích chi tiết về linh kiện  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV358G-E1 bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  AZV358G-E1 Datasheet HTML 1Page - Diodes Incorporated AZV358G-E1 Datasheet HTML 2Page - Diodes Incorporated AZV358G-E1 Datasheet HTML 3Page - Diodes Incorporated AZV358G-E1 Datasheet HTML 4Page - Diodes Incorporated AZV358G-E1 Datasheet HTML 5Page - Diodes Incorporated AZV358G-E1 Datasheet HTML 6Page - Diodes Incorporated AZV358G-E1 Datasheet HTML 7Page - Diodes Incorporated AZV358G-E1 Datasheet HTML 8Page - Diodes Incorporated AZV358G-E1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AZV358
Document number: DS36536 Rev. 1 - 4
1 of 15
www.diodes.com
September 2013
© Diodes Incorporated
AZV358
A Product Line of
Diodes Incorporated
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Description
The AZV358 is dual low voltage (2.7V to 5.5V) operational amplifiers
which have rail-to-rail output swing capability. The input common-
mode voltage range includes ground. The chip exhibits excellent
speed-power ratio, achieving 1MHz of bandwidth and 1V/µs of slew
rate with low supply current.
The AZV358 is built with BiCMOS process. It has bipolar input and
output stages for improved noise performance, low input offset
voltage and higher output current drive.
AZV358 is available in the package of TSSOP-8 and MSOP-8. The
small packages save space on pc boards, and enable the design
of small portable electronic devices. It also allows the designer to
place the device closer to the signal source to reduce noise
pickup and increase signal integrity.
AZV358 is also available in standard SOIC-8 package.
Features
For VCC=5V and VEE=0V, typical unless otherwise noted)
Guaranteed 2.7V to 5.5V Performance
No Crossover Distortion
Gain-Bandwidth Product 1MHz
Industrial Temperature Range: -40°C to +85°C
Low Supply Current: 210µA
Rail-to-Rail Output Swing under 10kΩ Load:
VOH up to VCC -10mV
VOL near to VEE +65mV
VCM: -0.1V to VCC-0.8V
Pin Assignments
M/G/MM Package
(SOIC-8/TSSOP-8/MSOP-8)
Applications
Active Filters
Low Power, Low Voltage Applications
General Purpose Portable Devices
Cellular Phone, Cordless Phone
Battery-Powered Systems
Functional Block Diagram
VBIAS1
VBIAS2
VBIAS3
IN-
IN+
VEE
OUTPUT
VCC
2,6
3,5
4
8
1,7
1
2
3
4
8
7
6
5
OUTPUT 1
IN 1-
IN 1+
VEE
VCC
OUTPUT 2
IN 2-
IN 2+


Số phần tương tự - AZV358G-E1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV358G-E1 BCDSEMI-AZV358G-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Mô tả tương tự - AZV358G-E1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV358M-E1 BCDSEMI-AZV358M-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com