công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP6KE13A bảng dữ liệu(PDF) 1 Page - Littelfuse |
|
TP6KE13A bảng dữ liệu(HTML) 1 Page - Littelfuse |
1 / 5 page 886 TVS Diodes TP6KE Series Axial Leaded – 600W > TP6KE series ©2015 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 04/08/15 AGENCY AGENCY FILE NUMBER E230531 TVS devices are ideal for the protection of I/O interfaces, V CC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. Applications Features The AEC-Q101 qualified TP6KE Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. Description Parameter Symbol Value Unit Peak Pulse Power Dissipation by 10/1000μs Test Waveform (Fig.2) (Note 1) P PPM 600 W Steady State Power Dissipation on Infinite Heat Sink at T L=75ºC (Fig. 6) P D 5.0 W Peak Forward Surge Current, 8.3ms Single Half Sine Wave Unidirectional Only (Note 2) I FSM 100 A Maximum Instantaneous Forward Voltage at 50A for Unidirectional Only V F 3.5 V Operating Junction and Storage Temperature Range T J, TSTG -55 to 175 °C Typical Thermal Resistance Junction to Lead R uJL 20 °C/W Typical Thermal Resistance Junction to Ambient R uJA 75 °C/W Notes: 1. Non-repetitive current pulse, per Fig. 4 and derated above T J (initial) = 25 O C per Fig. 3. 2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum. Maximum Ratings and Thermal Characteristics (T A=25 O C unless otherwise noted) Agency Approvals • Hi reliability application and automotive grade AEC-Q101 qualified • Glass passivated chip junction in DO-15 Package • 600W peak pulse capability at 10/1000μs waveform, repetition rate (duty cycles):0.01% • Fast response time: typically less than 1.0ps from 0 Volts to BV min • Excellent clamping capability • Typical failure mode is short from over-specified voltage or current • Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c • IEC-61000-4-2 ESD 30kV(Air), 30kV (Contact) • ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2) • EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4) • Low incremental surge resistance • High temperature to reflow soldering guaranteed: 260°C/40sec / 0.375”,(9.5mm) lead length, 5 lbs., (2.3kg) tension • V BR @ TJ= VBR@25°C x (1+αT x (T J - 25)) (αT:Temperature Coefficient, typical value is 0.1%) • Plastic package has underwriters laboratory flammability classification 94V-O • Lead-free matte tin plated package • Halogen free and RoHS compliant TP6KE Series Functional Diagram Bi-directional Uni-directional Cathode Anode Bi-directional Uni-directional RoHS Pb e3 1 |
Số phần tương tự - TP6KE13A |
|
Mô tả tương tự - TP6KE13A |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |