công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1120 bảng dữ liệu(PDF) 3 Page - Silicon Laboratories

tên linh kiện SI1120
Giải thích chi tiết về linh kiện  DESIGNERS GUIDE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1120 bảng dữ liệu(HTML) 3 Page - Silicon Laboratories

  SI1120 Datasheet HTML 1Page - Silicon Laboratories SI1120 Datasheet HTML 2Page - Silicon Laboratories SI1120 Datasheet HTML 3Page - Silicon Laboratories SI1120 Datasheet HTML 4Page - Silicon Laboratories SI1120 Datasheet HTML 5Page - Silicon Laboratories SI1120 Datasheet HTML 6Page - Silicon Laboratories SI1120 Datasheet HTML 7Page - Silicon Laboratories SI1120 Datasheet HTML 8Page - Silicon Laboratories SI1120 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AN442
Rev. 0.1
3
Figure 3. Si1102 Circuit
2. Electrical Considerations
This section is applicable to both the Si1120 and the Si1102. This section focuses on the electrical properties of the
Si1120 and Si1102. Items covered include:
Choosing the right resistor and capacitor for your system
Choosing the voltage rail used to drive the LED
Estimating system power requirements
PCB layout guidelines
The following sections do not need to be read sequentially; it is best to simply reference topics of particular interest.
2.1. TXO (LED Driver) Characteristics
The LED current is governed by the following parameters:
LED Voltage Rail (VLED)
Resistor (RLED)
Capacitor (CLED)
Unlike the Si1102, the Si1120 has a choice of either driving a peak of 50 mA (PRX50 and PRX50H modes) or
400 mA (PRX400 mode). In this section, only the 400 mA drive option is discussed since this peak LED current is
common to both the Si1120 and the Si1102. The principles apply regardless of the peak LED current choice.
The current through the LED can come either from the CLED capacitor or from VLED flowing through the resistor,
RLED.
Assuming that the CLED is in a “fully charged” initial condition, the LED current initially comes from the charge
stored in the capacitor. As the capacitor sources current, the voltage across the capacitor begins to drop. This
voltage drop causes a potential difference across RLED. After a sufficient period of time, the current is sourced only
through VLED, through the RLED resistor.
A typical Si1102 and Si1120 transistor VI curve is shown in Figure 5. Above one volt, the transistor is in its active
region and drives a current of approximately 400 mA. When the TXO voltage is below 0.5 V, the transistor is in its
saturation region and no longer sinks the peak 400 mA.
PRX
PRX
1
TXGD
2
3
TXO
4
DNC
VSS
FR
SREN
VDD
8
7
6
5
Si1102
VDD
VSS
C1
C2
C3
R3
TxLED
R1
R2
0.1 µF
10 µF
10 µF
5
100 k
100 k


Số phần tương tự - SI1120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Si1120-A-GM SILABS-Si1120-A-GM Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
More results

Mô tả tương tự - SI1120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
AN607 SILABS-AN607 Datasheet
1Mb / 41P
   HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
logo
Coilcraft lnc.
C349 COILCRAFT-C349 Datasheet
237Kb / 4P
   Designers Kits
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
   Designers Kits
XFL2005-151MEB COILCRAFT-XFL2005-151MEB Datasheet
204Kb / 1P
   Designers kit
logo
New Jersey Semi-Conduct...
MDA970A1 NJSEMI-MDA970A1 Datasheet
70Kb / 1P
   Designers Data, Sheet
logo
M/A-COM Technology Solu...
DS-MABA-000001-75KIT1_V2 MA-COM-DS-MABA-000001-75KIT1_V2 Datasheet
541Kb / 1P
   75 廓 CATV Transformer Designers??Kit
logo
Nel Frequency Controls,...
HS-820 NEL-HS-820_10 Datasheet
61Kb / 2P
   Systems designers may now specify space-saving
HS-2800 NEL-HS-2800_10 Datasheet
62Kb / 2P
   Systems designers may now specify space-saving
HS-800 NEL-HS-800_10 Datasheet
61Kb / 2P
   Systems designers may now specify space-saving
logo
STMicroelectronics
AN2871 STMICROELECTRONICS-AN2871 Datasheet
330Kb / 25P
   This application note is intended for hardware designers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com