công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1120 bảng dữ liệu(PDF) 5 Page - Silicon Laboratories

tên linh kiện SI1120
Giải thích chi tiết về linh kiện  DESIGNERS GUIDE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1120 bảng dữ liệu(HTML) 5 Page - Silicon Laboratories

  SI1120 Datasheet HTML 1Page - Silicon Laboratories SI1120 Datasheet HTML 2Page - Silicon Laboratories SI1120 Datasheet HTML 3Page - Silicon Laboratories SI1120 Datasheet HTML 4Page - Silicon Laboratories SI1120 Datasheet HTML 5Page - Silicon Laboratories SI1120 Datasheet HTML 6Page - Silicon Laboratories SI1120 Datasheet HTML 7Page - Silicon Laboratories SI1120 Datasheet HTML 8Page - Silicon Laboratories SI1120 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN442
Rev. 0.1
5
For the Si1102, the ambient IR circuit correction is nonlinear; correction is faster for high ambients and the longer
the correction has taken. For the Si1120, the ambient correction circuit slews at a constant, highly linear rate
depending on the gain setting; consequently, the pulse width is a linear function of the reflection.
For the Si1102, the pulse width (proportional to the reflection) is compared with an internal pulse generator (one
shot) whose width is controlled by the resistor value on the SREN pin. If the ambient IR circuit matches the
increase in ambient from reflection before the SREN circuit times out, then the reflection is below the set threshold.
If the SREN pulse generator times out before the IR ambient circuit matches the increase in ambient, then the
reflection is above threshold, and PRX goes low. Whichever decision occurs first, either the IR ambient circuit
matches the reflection increase or the one shot times out; then, the LED is turned off since there is no reason to
leave the it on. This behavior can be seen if you put a scope on the TXO pin. TXO pulse width will be constant for
out-of-range objects, but, when detection threshold is reached, the pulse width will decrease as the reflection
increases.
For the Si1120, the PRX pulse width is kept asserted until the equilibrium state has been reached (as long as STX
stays high). The time frame is the basis of the PRX pulse width. Nearby objects reflect more of the LED IR, which
results in more photodiode current. More photodiode current means that the internal ambient IR circuit needs more
time to overcome the photodiode current. Thus the Si1120 PRX pulse width increases with higher reflectance.
For best linearity, LED current should be consistent throughout the TXO drive. Table 1 summarizes the component
selection for best linearity. Although the Si1102 and Si1120 drivers are both constant current above 0.5 V TXO
voltage (eliminating the need for a current-limiting resistor), the Si1120 has a high-impedance driver that varies
less than 1% per volt on either TXO or VDD (while the Si1102 driver may vary more than 20% per volt). For Si1102
absolute reflection operation, TXO current variation of up to 10% from battery fluctuations is usually not critical.
However, for motion detection (where detection of changes in reflection of less than 1% is important), the low
variation in TXO current with fluctuations in LED or VDD supplies becomes critical.
Finally, the last consideration in choosing CLED and RLED is the power drawn through TXO. Since the
instantaneous power into any node is governed by the voltage-current product, the TXO pin heats up the Si1102
and Si1120 much more if it is drawing 400 mA at a lower, as opposed to higher, TXO voltage. This means that
excessively large CLED capacitors or excessively small RLED resistors should be avoided.
2.2. Choosing VLED
The LED circuit does not necessarily need to be powered from the same VDD used to power the Si1102 and
Si1120. The decision on which voltage rail to use for VLED must be considered. In general, the simplest option is to
use an unregulated voltage rail. Using an unregulated voltage rail (must be < 7 V) is generally the best option.
In any system, there are “regulated” and “unregulated” voltage rails. The Si1102 and Si1120 are designed so that
the LED can be powered from either.
The fundamental issue governing the choice of VLED voltage rails is the manner in which the instantaneous LED
current affects the entire system. It is important that the Si1102 and Si1120 LED circuits do not adversely affect
other system components.
2.2.1. LED Current Tapped from Unregulated Voltage Rails
The advantage of using an unregulated power supply is that the effect on other system components is mitigated by
the regulator. The regulator is already expected to regulate the voltage to the rest of the system, and any voltage
ripple introduced by the sourcing of the LED current does not affect the rest of the system.
Table 1. Recommended RLED and CLED vs. VLED
VLED
RLED
CLED
3.3 V
2
 ±5%, 1/16 W
10 µF ±20%
5.0 V
5
 ±5%, 1/4 W
10 µF ±20%
7.0 V
10
 ±5%, 1/2 W
10 µF ±20%


Số phần tương tự - SI1120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Si1120-A-GM SILABS-Si1120-A-GM Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
More results

Mô tả tương tự - SI1120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
AN607 SILABS-AN607 Datasheet
1Mb / 41P
   HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
logo
Coilcraft lnc.
C349 COILCRAFT-C349 Datasheet
237Kb / 4P
   Designers Kits
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
   Designers Kits
XFL2005-151MEB COILCRAFT-XFL2005-151MEB Datasheet
204Kb / 1P
   Designers kit
logo
New Jersey Semi-Conduct...
MDA970A1 NJSEMI-MDA970A1 Datasheet
70Kb / 1P
   Designers Data, Sheet
logo
M/A-COM Technology Solu...
DS-MABA-000001-75KIT1_V2 MA-COM-DS-MABA-000001-75KIT1_V2 Datasheet
541Kb / 1P
   75 廓 CATV Transformer Designers??Kit
logo
Nel Frequency Controls,...
HS-820 NEL-HS-820_10 Datasheet
61Kb / 2P
   Systems designers may now specify space-saving
HS-2800 NEL-HS-2800_10 Datasheet
62Kb / 2P
   Systems designers may now specify space-saving
HS-800 NEL-HS-800_10 Datasheet
61Kb / 2P
   Systems designers may now specify space-saving
logo
STMicroelectronics
AN2871 STMICROELECTRONICS-AN2871 Datasheet
330Kb / 25P
   This application note is intended for hardware designers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com