công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4933G bảng dữ liệu(PDF) 1 Page - Frontier Electronics.

tên linh kiện 1N4933G
Giải thích chi tiết về linh kiện  1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FRONTIER [Frontier Electronics.]
Trang chủ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N4933G bảng dữ liệu(HTML) 1 Page - Frontier Electronics.

  1N4933G Datasheet HTML 1Page - Frontier Electronics. 1N4933G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4933G THRU 1N4937G SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
1
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1.
2. GLASS PASSIVATED CHIP JUNCTION
3. 1A OPERATION @ 55°C WITH NO THERMAL RUNAWAY
4. FAST SWITCHING FOR HIGH EFFICIENCY
5. EXCEED MIL-STD-19500
6. CASE: JEDEC DO-41, MOLDED CASE
7. DIMENSIONS IN INCHES AND (MILLIMETERS)
8. POLARITY: INDICATED BY CATHODE BAND
9. WEIGHT : 0.34 GRAMS
10. TERMINALS SOLDERABILITY: PER MIL-STD-202, METHOD 208
11. PULLING TEST: 2.3 KG
12. RoHS
1N4937G
600
420
600
1N4935G
200
140
200
1N4936G
400
280
400
1N4933G
50
35
50
1N4934G
100
70
100
1. MEASURED @ 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1 (mm) COPPER PLATE @ LEAD LENGTH 5mm
3. MAXIMUM FORWARD VOLTAGE AT Io DC
PART NUMBER
MAX RECURRENT PK REV VOLTAGE
VRRM (V)
MAX RMS VOLTAGE VRMS (V)
MAX DC BLOCKING
VOLTAGE VDC (V)
4. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
MAXIMUM REVERSE CURRENT @ 100°C
IR
50
uA
MAXIMUM REVERSE RECOVERY TIME
TRR
120
nS
MAXIMUM FORWARD VOLTAGE
VF
1.2
V
MAXIMUM REVERSE CURRENT @ 25°C
IR
5
uA
TYPICAL JUNCTION CAPACITANCE(NOTE1)
CJ
15
pF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
50
°C/W
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT, 0.375”(9.5mm) LEAD LENGTH @ 55°C
IO
1
A
PEAK FWD SURGE CURRENT, 8.3ms HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PRODUCT FEATURES
FLAMMABILITY CLASSIFICATION: 94V-0
RATINGS
SYMBOL
VALUE
UNITS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED. STORAGE AND OPERATING TEMPERATURE RANGE -55°C TO +150°C. SINGLE PHASE, HALF WAVE, 60 HZ,
RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%


Số phần tương tự - 1N4933G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
1N4933G RECTRON-1N4933G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
1N4933G TSC-1N4933G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Microdiode Electronics ...
1N4933G CHENDA-1N4933G Datasheet
643Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Won-Top Electronics
1N4933G WTE-1N4933G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Changzhou Shunye Electr...
1N4933G SY-1N4933G Datasheet
1,021Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Mô tả tương tự - 1N4933G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Frontier Electronics.
FR10-005G FRONTIER-FR10-005G Datasheet
127Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005G-LFR FRONTIER-FR10-005G-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005SG FRONTIER-FR10-005SG Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G FRONTIER-FR101G Datasheet
1Mb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
1N4933G FRONTIER-1N4933G Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
SF10-005G-LFR FRONTIER-SF10-005G-LFR Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
UF4001G-LFR FRONTIER-UF4001G-LFR Datasheet
129Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
SF10-005G FRONTIER-SF10-005G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
UF4001G FRONTIER-UF4001G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
F1T1G-K TSC-F1T1G-K Datasheet
409Kb / 6P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com