công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP102AIDRLR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP102AIDRLR
Giải thích chi tiết về linh kiện  Low-Power Digital Temperature Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102AIDRLR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TMP102AIDRLR Datasheet HTML 1Page - Texas Instruments TMP102AIDRLR Datasheet HTML 2Page - Texas Instruments TMP102AIDRLR Datasheet HTML 3Page - Texas Instruments TMP102AIDRLR Datasheet HTML 4Page - Texas Instruments TMP102AIDRLR Datasheet HTML 5Page - Texas Instruments TMP102AIDRLR Datasheet HTML 6Page - Texas Instruments TMP102AIDRLR Datasheet HTML 7Page - Texas Instruments TMP102AIDRLR Datasheet HTML 8Page - Texas Instruments TMP102AIDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TMP102
www.ti.com
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
At TA = 25°C and VS = 1.4 to 3.6 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating supply range
+1.4
+3.6
V
Serial bus inactive, CR1 = 1, CR0 =
7
10
0 (default)
Serial bus active, SCL frequency =
IQ
Average quiescent current
15
μA
400 kHz
Serial bus active, SCL frequency =
85
3.4 MHz
Serial bus inactive
0.5
1
Serial bus active, SCL frequency =
10
ISD
Shutdown current
400 kHz
μA
Serial bus active, SCL frequency =
80
3.4 MHz
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C
6.6 Timing Requirements
See the Timing Diagrams section for additional information.
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ƒ(SCL)
SCL operating frequency
V+
0.001
0.4
0.001
2.85
MHz
Bus-free time between STOP and
t(BUF)
600
160
ns
START condition
Hold time after repeated START
condition.
t(HDSTA)
600
160
ns
After this period, the first clock is
generated.
See Figure 7
t(SUSTA)
repeated start condition setup time
600
160
ns
t(SUSTO) STOP condition setup time
600
160
ns
t(HDDAT) Data hold time
100
900
25
105
ns
t(SUDAT)
Data setup time
100
25
ns
t(LOW)
SCL-clock low period
V+ , see Figure 7
1300
210
ns
t(HIGH)
SCL-clock high period
See Figure 7
600
60
ns
tFD
Data fall time
See Figure 7
300
80
ns
See Figure 7
300
ns
tRD
Data rise time
SCLK
≤ 100 kHz,
1000
ns
see Figure 7
tFC
Clock fall time
See Figure 7
300
40
ns
tRC
Clock rise time
See Figure 7
300
40
ns
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP102


Số phần tương tự - TMP102AIDRLR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
TMP102AIDRLR BURR-BROWN-TMP102AIDRLR Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102AIDRLR TI-TMP102AIDRLR Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLR TI-TMP102AIDRLR Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102AIDRLR TI1-TMP102AIDRLR Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
logo
Guangdong Youtai Semico...
TMP102AIDRLR UMW-TMP102AIDRLR Datasheet
1Mb / 19P
   Product number: UMW TMP102AIDRLRS、UMW TMP102AIDRLRD
More results

Mô tả tương tự - TMP102AIDRLR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
[Old version datasheet]   Low-Power, Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com