công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP102-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP102-Q1
Giải thích chi tiết về linh kiện  Low-Power Digital Temperature Sensor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TMP102-Q1 Datasheet HTML 1Page - Texas Instruments TMP102-Q1 Datasheet HTML 2Page - Texas Instruments TMP102-Q1 Datasheet HTML 3Page - Texas Instruments TMP102-Q1 Datasheet HTML 4Page - Texas Instruments TMP102-Q1 Datasheet HTML 5Page - Texas Instruments TMP102-Q1 Datasheet HTML 6Page - Texas Instruments TMP102-Q1 Datasheet HTML 7Page - Texas Instruments TMP102-Q1 Datasheet HTML 8Page - Texas Instruments TMP102-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TMP102-Q1
SBOS702C – OCTOBER 2014 – REVISED DECEMBER 2015
www.ti.com
6.4 Thermal Information
TMP102-Q1
THERMAL METRIC(1)
DRL (SOT563)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
200
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.7
°C/W
RθJB
Junction-to-board thermal resistance
34.4
°C/W
ψJT
Junction-to-top characterization parameter
3.1
°C/W
ψJB
Junction-to-board characterization parameter
34.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5
Electrical Characteristics
at TA = 25°C and VS = 1.4 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
125
°C
–25°C to 85°C
±0.5
±2
°C
Accuracy (temperature error)
–40°C to 125°C
±1
±3
Versus supply
0.2
0.5
°C/V
Resolution
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
VIH
Input logic high
0.7 × (V+)
3.6
V
VIL
Input logic low
–0.5
0.3 × (V+)
V
II
Input current
0 < VI < 3.6 V
1
μA
V+ > 2 V, IOL = 3 mA
0
0.4
VOL(SDA)
Output logic on the SDA pin
V
V+ < 2 V, IOL = 3 mA
0
0.2 × (V+)
V+ > 2 V, IOL = 3 mA
0
0.4
VOL(ALERT)
Output logic on the ALERT pin
V
V+ < 2 V, IOL = 3 mA
0
0.2 × (V+)
Resolution
12
Bit
Conversion time
26
35
ms
CR1 = 0, CR0 = 0
0.25
CR1 = 0, CR0 = 1
1
Conversion modes
Conv/s
CR1 = 1, CR0 = 0 (default)
4
CR1 = 1, CR0 = 1
8
Timeout time
30
40
ms
POWER SUPPLY
Operating supply range
1.4
3.6
V
Serial bus inactive, CR1 = 1, CR0 = 0 (default)
7
10
IQ
Average quiescent current
Serial bus active, SCL frequency (ƒ) = 400 kHz
15
μA
Serial bus active, SCL frequency (ƒ) = 3.4 MHz
85
Serial bus inactive
0.5
1
ISD
Shutdown current
Serial bus active, SCL frequency (ƒ) = 400 kHz
10
μA
Serial bus active, SCL frequency (ƒ) = 3.4 MHz
80
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP102-Q1


Số phần tương tự - TMP102-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI1-TMP102-Q1 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results

Mô tả tương tự - TMP102-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
[Old version datasheet]   Low-Power, Digital Temperature Sensor
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com