công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL1431QDREP bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL1431QDREP
Giải thích chi tiết về linh kiện  Precision-Programmable Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431QDREP bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TL1431QDREP Datasheet HTML 7Page - Texas Instruments TL1431QDREP Datasheet HTML 8Page - Texas Instruments TL1431QDREP Datasheet HTML 9Page - Texas Instruments TL1431QDREP Datasheet HTML 10Page - Texas Instruments TL1431QDREP Datasheet HTML 11Page - Texas Instruments TL1431QDREP Datasheet HTML 12Page - Texas Instruments TL1431QDREP Datasheet HTML 13Page - Texas Instruments TL1431QDREP Datasheet HTML 14Page - Texas Instruments TL1431QDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
+
CATHODE
ANODE
REF
Vref
TL1431-EP
www.ti.com
SLVS529D – APRIL 2004 – REVISED JANUARY 2015
9 Detailed Description
9.1 Overview
The TL1431-EP is a precision-programmable reference with specified thermal stability over the military
temperature range. The device can be used in a very wide array of applications, and can enter operational mode
with as little as two external resistors.
9.2 Functional Block Diagram
9.3 Feature Description
The output voltage can be set to any value between VI(ref) and 36 V. Active output circuitry provides a very sharp
turnon characteristic, making the device an excellent replacement for Zener diodes and other types of references
in applications such as onboard regulation, adjustable power supplies, and switching power supplies.
TI's EP line is certified to the Aerospace Qualified Electronic Component (AQEC) Standard (ANSI/GEIA STD-
0002-1). The AQEC Standard was jointly developed by the aerospace and semiconductor industries to define the
minimum requirements for commercial-off-the-shelf (COTS) components used in military, avionic, aerospace,
medical and other rugged operating environments where high-reliability and long service life are required.
9.4 Device Functional Modes
The device only has one functional mode, which is enabled at power up. Operation of the device is determined
by external parameters described Application and Implementation.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11


Số phần tương tự - TL1431QDREP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1431QDREP TI1-TL1431QDREP Datasheet
595Kb / 20P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Mô tả tương tự - TL1431QDREP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com