công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL1431MDREP bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL1431MDREP
Giải thích chi tiết về linh kiện  Precision-Programmable Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431MDREP bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TL1431MDREP Datasheet HTML 1Page - Texas Instruments TL1431MDREP Datasheet HTML 2Page - Texas Instruments TL1431MDREP Datasheet HTML 3Page - Texas Instruments TL1431MDREP Datasheet HTML 4Page - Texas Instruments TL1431MDREP Datasheet HTML 5Page - Texas Instruments TL1431MDREP Datasheet HTML 6Page - Texas Instruments TL1431MDREP Datasheet HTML 7Page - Texas Instruments TL1431MDREP Datasheet HTML 8Page - Texas Instruments TL1431MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TL1431-EP
SLVS529D – APRIL 2004 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Cathode voltage(2), VKA
37
V
Continuous cathode current, IKA
–100
150
mA
Reference input current, II(ref)
–0.00005
10
mA
Operating virtual junction temperature(3), TJ
150
°C
Lead temperature 1.6 mm (1/16 inch) from case for 10 s
260
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
(3)
Long-term high-temperature storage and/or use at the absolute maximum ratings may result in a reduction of overall device life. See
www.ti.com/ep_quality for additional information on enhanced plastic packaging.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±2000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VKA
Cathode voltage
VI(ref)
36
V
IKA
Cathode current
1
100
mA
TA
Operating free-air temperature
–55
125
°C
7.4 Thermal Information
TL1431-EP
THERMAL METRIC(1)
D
UNIT
8 PINS
RθJA(high)
Junction-to-ambient thermal resistance (high K board)
97
°C/W
RθJA(low)
Junction-to-ambient thermal resistance (low K board)
165
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Dissipation Rating Table
DERATING
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
TA ≤ 25°C
FACTOR
ABSOLUTE
ABSOLUTE
ABSOLUTE
PACKAGE
THERMAL
POWER RATING
ABOVE TA =
MAXIMUM
MAXIMUM
MAXIMUM
IMPEDANCE
25°C
POWER RATING
POWER RATING
POWER RATING
97°C/W (High K
10 mW/°C
824 mW
670 mW
257 mW
board)
D
1102 mW
165°C/W (Low K
6 mW/°C
484 mW
393 mW
151 mW
board)
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated


Số phần tương tự - TL1431MDREP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1431MDREP TI1-TL1431MDREP Datasheet
595Kb / 20P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431MDREPG4 TI1-TL1431MDREPG4 Datasheet
595Kb / 20P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Mô tả tương tự - TL1431MDREP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com