công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL1431-EP bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TL1431-EP
Giải thích chi tiết về linh kiện  Precision-Programmable Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431-EP bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TL1431-EP_15 Datasheet HTML 1Page - Texas Instruments TL1431-EP_15 Datasheet HTML 2Page - Texas Instruments TL1431-EP_15 Datasheet HTML 3Page - Texas Instruments TL1431-EP_15 Datasheet HTML 4Page - Texas Instruments TL1431-EP_15 Datasheet HTML 5Page - Texas Instruments TL1431-EP_15 Datasheet HTML 6Page - Texas Instruments TL1431-EP_15 Datasheet HTML 7Page - Texas Instruments TL1431-EP_15 Datasheet HTML 8Page - Texas Instruments TL1431-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
|z |
V
I
,
=
z
KA
1
R1
R2
=
(
)
+
zKA
VKA
IKA
=
V
I(ref)
α
where:
TA is the rated operating temperature range of the device.
Max VI(ref)
Min VI(ref)
TA
VI(dev)
V
I(ref)
ppm
°C
V
I(dev)
V
I(ref)
at 25
°C
106
T
A
|
|
α
( ) =
(
) ×
V
I(ref)
α
DVI(ref)
DVKA
rated temperature range. The average full-range temperature coefficient of the reference input voltage
is defined as:
is positive or negative, depending on whether minimum VI(ref) or maximum VI(ref), respectively, occurs at the lower temperature.
(3)
The output impedance is defined as:
, which is approximately equal to
.
TL1431-EP
www.ti.com
SLVS529D – APRIL 2004 – REVISED JANUARY 2015
7.6 Electrical Characteristics
at specified free-air temperature, IKA = 10 mA (unless otherwise noted)
TEST
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
CIRCUIT
25°C
2490
2500
2510
VI(ref)
Reference input voltage
VKA = VI(ref)
Figure 8
mV
Full range
2470
2530
Deviation of reference input
VI(dev)
voltage over full temperature
VKA = VI(ref)
Full range
Figure 8
17
mV
range(2)
Ratio of change in reference
input voltage to the change in
ΔVKA = 3 to 36 V
Full range
Figure 9
–1.1
–2
mV/V
cathode voltage
25°C
1.5
2.5
II(ref)
Reference input current
R1 = 10 k
Ω,
R2 =
Figure 9
μA
Full range
4
Deviation of reference input
II(dev)
current over full temperature
R1 = 10 k
Ω,
R2 =
Full range
Figure 9
0.5
μA
range(2)
Minimum cathode current for
Imin
VKA = VI(ref)
25°C
Figure 8
0.45
1
mA
regulation
25°C
0.18
0.5
Ioff
Off-state cathode current
VKA = 36 V,
VI(ref) = 0
Figure 10
μA
Full range
2
VKA = VI(ref), ƒ ≤ 1 kHz,
|zKA|
Output impedance(3)
25°C
Figure 8
0.2
0.4
IKA = 1 to 100 mA
(1)
Full range is –40°C to 125°C for Q-suffix devices; –55°C to 125°C for M-suffix devices.
(2)
The deviation parameters VI(dev) and II(dev) are defined as the differences between the maximum and minimum values obtained over the
When the device is operating with two external resistors (see Figure 9), the total dynamic impedance of the circuit is given by:
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5


Số phần tương tự - TL1431-EP_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1431-EP TI-TL1431-EP_15 Datasheet
968Kb / 23P
[Old version datasheet]   TL1431-EP Precision-Programmable Reference
More results

Mô tả tương tự - TL1431-EP_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com