công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48560 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM48560
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM48560 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM48560_15 Datasheet HTML 1Page - Texas Instruments LM48560_15 Datasheet HTML 2Page - Texas Instruments LM48560_15 Datasheet HTML 3Page - Texas Instruments LM48560_15 Datasheet HTML 4Page - Texas Instruments LM48560_15 Datasheet HTML 5Page - Texas Instruments LM48560_15 Datasheet HTML 6Page - Texas Instruments LM48560_15 Datasheet HTML 7Page - Texas Instruments LM48560_15 Datasheet HTML 8Page - Texas Instruments LM48560_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
2
1
A
B
C
D
4
OUT+
SGND
IN1-
IN1+
OUT-
SHDN
IN2-
IN2+
VBST
SW/HW
SCL/
GAIN
SDA/SEL
SET
VDD
SW
PGND
LM48560
www.ti.com
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
YZR Package
16-Pin DSBGA
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
A1
OUT+
O
Amplifier Non-Inverting Output
A2
SGND
Amplifier Ground
A3
IN1–
I
Amplifier Inverting Input 1
A4
IN1+
I
Amplifier Non-Inverting Input 1
B1
OUT–
O
Amplifier Inverting Output
Active Low Shutdown. Connect SHDN to GND to disable device.
B2
SHDN
I
Connect SHDN to VDD for normal operation
B3
IN2–
I
Amplifier Inverting Input 2
B4
IN2+
I
Amplifier Non-Inverting Input 2
C1
VBST
Boost Converter Output
Mode Selection Control:
C2
SW/HW
I
SW/HW = 0
→ Hardware Mode
SW/HW = 1
→ Software Mode
I2C Serial Clock Input (Software Mode)
C3
SCL/GAIN
I
Gain Select Input (Hardware Mode)
see (Table 5)
I2C Serial Data Input (Software Mode)
C4
SDA/SEL
I/O
Amplifier Input Select (Hardware Mode)
see (Table 5)
D1
SET
ALC Timing Input
D2
VDD
Power Supply
D3
SW
Boost Converter Switching Node
D4
PGND
Boost Converter Ground
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48560


Số phần tương tự - LM48560_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
More results

Mô tả tương tự - LM48560_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
logo
Realtek Semiconductor C...
ALC269 REALTEK-ALC269_08 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
ALC269 REALTEK-ALC269_09 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com