công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48100QMH bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM48100QMH
Giải thích chi tiết về linh kiện  Audio Power Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM48100QMH bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM48100QMH Datasheet HTML 1Page - Texas Instruments LM48100QMH Datasheet HTML 2Page - Texas Instruments LM48100QMH Datasheet HTML 3Page - Texas Instruments LM48100QMH Datasheet HTML 4Page - Texas Instruments LM48100QMH Datasheet HTML 5Page - Texas Instruments LM48100QMH Datasheet HTML 6Page - Texas Instruments LM48100QMH Datasheet HTML 7Page - Texas Instruments LM48100QMH Datasheet HTML 8Page - Texas Instruments LM48100QMH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM48100Q-Q1
SNAS470E – OCTOBER 2008 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
2
Applications ........................................................... 1
7.2
Functional Block Diagram ....................................... 11
3
Description ............................................................. 1
7.3
Feature Description................................................. 12
4
Revision History..................................................... 2
7.4
Device Functional Modes........................................ 15
5
Pin Configuration and Functions ......................... 3
7.5
Programming........................................................... 16
6
Specifications......................................................... 4
7.6
Register Maps ......................................................... 17
6.1
Absolute Maximum Ratings ...................................... 4
8
Application and Implementation ........................ 18
6.2
ESD Ratings.............................................................. 4
8.1
Application Information............................................ 18
6.3
Recommended Operating Conditions ....................... 4
8.2
Typical Application .................................................. 18
6.4
Thermal Information .................................................. 4
9
Power Supply Recommendations ...................... 20
6.5
Electrical Characteristics for VDD = 5 V .................... 5
10
Layout................................................................... 20
6.6
Electrical Characteristics for VDD = 5 V at Extended
Temperature Limits .................................................... 5
10.1
Layout Guidelines ................................................. 20
6.7
Electrical Characteristics for VDD = 3.6 V ................. 6
10.2
Layout Example .................................................... 21
6.8
Electrical Characteristics for VDD = 3.6 V at Extended
11
Device and Documentation Support ................. 22
Temperature Limits .................................................... 7
11.1
Community Resources.......................................... 22
6.9
I2C Interface Characteristics for VDD = 5 V, 2.2 V ≤
11.2
Trademarks ........................................................... 22
I2C VDD ≤ 5.5 V .......................................................... 8
11.3
Electrostatic Discharge Caution ............................ 22
6.10
I2C Interface Characteristics for VDD = 5 V, 1.8 V ≤
11.4
Glossary ................................................................ 22
I2C VDD ≤ 2.2 V .......................................................... 8
12
Mechanical, Packaging, and Orderable
6.11
Typical Characteristics ............................................ 9
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
10/14/08
1.0
Initial release.
10/20/08
1.01
Text edits.
11/07/08
1.02
Added a column (Limits) in the Electrical tables.
11/12/08
1.03
Text edits.
03/21/2013
D
Changed layout of the National Data Sheet to TI format
Added Pin Configuration and Functions section, ESD Ratings table, Feature Descriptionsection,
Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layoutsection, Device and Documentation Supportsection, and
11/2015
E
Mechanical, Packaging, and Orderable Information section
Removed LM48100Q-Q1TL Demo board Bill of Materials table.
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM48100Q-Q1


Số phần tương tự - LM48100QMH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48100QMH NSC-LM48100QMH Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100QMH TI-LM48100QMH Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
National Semiconductor ...
LM48100QMHE NSC-LM48100QMHE Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100QMHE TI-LM48100QMHE Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
National Semiconductor ...
LM48100QMHX NSC-LM48100QMHX Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
More results

Mô tả tương tự - LM48100QMH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
logo
Toshiba Semiconductor
TA7368P TOSHIBA-TA7368P Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com