công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD6N50TM_F085 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDD6N50TM_F085
Giải thích chi tiết về linh kiện  Improved dv/dt capability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6N50TM_F085 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDD6N50TM_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FDD6N50TM_F085 R
ev. C1
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD6N50
FDD6N50TM
_F085
D-PAK
380mm
16mm
2500
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
500
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25°C
--
0.5
--
V/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
VDS = 400V, TC = 125°C
--
--
--
--
1
10
µA
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 3A
--
0.76
0.9
gFS
Forward Transconductance
VDS = 40V, ID = 3A
(Note 4)
--
2.5
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
720
940
pF
Coss
Output Capacitance
--
95
190
pF
Crss
Reverse Transfer Capacitance
--
9
13.5
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 250V, ID = 6A
RG = 25Ω
(Note 4, 5)
--
6
20
ns
tr
Turn-On Rise Time
--
55
120
ns
td(off)
Turn-Off Delay Time
--
25
60
ns
tf
Turn-Off Fall Time
--
35
80
ns
Qg
Total Gate Charge
VDS = 400V, ID = 6A
VGS = 10V
(Note 4, 5)
--
12.8
16.6
nC
Qgs
Gate-Source Charge
--
3.7
--
nC
Qgd
Gate-Drain Charge
--
5.8
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
6
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
24
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 6A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V, IS = 6A
dIF/dt =100A/µs
(Note 4)
--
275
--
ns
Qrr
Reverse Recovery Charge
--
1.7
--
µC
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. IAS = 6A, VDD = 50V, L=13.5mH, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 6A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics


Số phần tương tự - FDD6N50TM_F085

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD6N50TM-WS FAIRCHILD-FDD6N50TM-WS Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
FDD6N50TMF085 FAIRCHILD-FDD6N50TMF085 Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
FDD6N50TM FAIRCHILD-FDD6N50TM_10 Datasheet
946Kb / 8P
   500V N-Channel MOSFET
More results

Mô tả tương tự - FDD6N50TM_F085

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kersemi Electronic Co.,...
KSM4P25 KERSEMI-KSM4P25 Datasheet
1Mb / 7P
   Improved dv/dt capability
logo
First Silicon Co., Ltd
FTK3908Z FS-FTK3908Z Datasheet
1Mb / 5P
   Improved dv/dt capability
logo
Bruckewell Technology L...
MS75N075 BWTECH-MS75N075 Datasheet
441Kb / 4P
   Improved dv/dt Capability, High Ruggedness
MS85N06 BWTECH-MS85N06 Datasheet
725Kb / 3P
   Improved dv/dt Capability, High Ruggedness
logo
Leshan Radio Company
LN7462DT1WG LRC-LN7462DT1WG Datasheet
574Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7460DT1WG LRC-LN7460DT1WG Datasheet
606Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7462ADT1WG LRC-LN7462ADT1WG Datasheet
678Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7612HDT1WG LRC-LN7612HDT1WG Datasheet
617Kb / 5P
   100V N-Channel MOSFET Improved dv/dt capability
LNB8512DT0AG LRC-LNB8512DT0AG Datasheet
577Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
S-LN7462ADT1WG LRC-S-LN7462ADT1WG Datasheet
494Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com