công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM4040AIM3-5.0 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
LM4040AIM3-5.0 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
7 / 67 page LM4040-N, LM4040-N-Q1 www.ti.com SNOS633J – OCTOBER 2000 – REVISED AUGUST 2015 6.5 Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'A' And 'B'; Temperature Grade 'I' all other limits TA = TJ = 25°C. The grades A and B designate initial Reverse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively. PARAMETER TEST CONDITIONS MIN(1) TYP MAX(1) UNIT Reverse Breakdown IR = 100 μA 2.048 V Voltage LM4040AIM3 ±2 LM4040AIZ mV LM4040BIM3 LM4040BIZ ±4.1 VR LM4040BIM7 Reverse Breakdown IR = 100 μA Voltage Tolerance(2) LM4040AIM3 TA = TJ = TMIN to ±15 LM4040AIZ TMAX mV LM4040BIM3 TA = TJ = TMIN to LM4040BIZ ±17 TMAX LM4040BIM7 TA = TJ = 25°C 45 60 Minimum Operating IRMIN μA Current TA = TJ = TMIN to TMAX 65 IR = 10 mA ±20 ppm/°C Average Reverse TA = TJ = 25°C ±15 Breakdown Voltage ΔVR/ΔT IR = 1 mA ppm/°C Temperature TA = TJ = TMIN to TMAX ±100 Coefficient(2) IR = 100 μA ±15 ppm/°C TA = TJ = 25°C 0.3 0.8 IRMIN ≤ IR ≤ 1 mA mV Reverse Breakdown TA = TJ = TMIN to TMAX 1 ΔVR/ΔI Voltage Change with R Operating Current TA = TJ = 25°C 2.5 6 Change(3) 1 mA ≤ IR ≤ 15 mA mV TA = TJ = TMIN to TMAX 8 IR = 1 mA, f = 120 Reverse Dynamic ZR Hz, 0.3 0.8 Ω Impedance IAC = 0.1 IR IR = 100 μA eN Wideband Noise 35 μVrms 10 Hz ≤ f ≤ 10 kHz Reverse Breakdown t = 1000 hrs ΔVR Voltage Long Term T = 25°C ±0.1°C 120 ppm Stability IR = 100 μA VHYST Thermal Hysteresis(4) ΔT = –40°C to 125°C 0.08% (1) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (2) The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance ±[( ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the different grades in the industrial temperature range where max ΔT = 65°C is shown below: A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C The total overtemperature tolerance for the different grades in the extended temperature range where max ΔT = 100 °C is shown below: C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5 V × 0.75% = ±19 mV. (3) Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change must be taken into account separately. (4) Thermal hysteresis is defined as the difference in voltage measured at 25°C after cycling to temperature -40°C and the 25°C measurement after cycling to temperature 125°C. Copyright © 2000–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM4040-N LM4040-N-Q1 |
Số phần tương tự - LM4040AIM3-5.0 |
|
Mô tả tương tự - LM4040AIM3-5.0 |