công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4040AIM3-10.0 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4040AIM3-10.0
Giải thích chi tiết về linh kiện  Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040AIM3-10.0 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM4040AIM3-10.0 Datasheet HTML 3Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 4Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 5Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 6Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 7Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 8Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 9Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 10Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
LM4040-N, LM4040-N-Q1
www.ti.com
SNOS633J – OCTOBER 2000 – REVISED AUGUST 2015
6.5 Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'A' And 'B'; Temperature
Grade 'I'
all other limits TA = TJ = 25°C. The grades A and B designate initial Reverse Breakdown Voltage tolerances of ±0.1% and
±0.2%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
Reverse Breakdown
IR = 100 μA
2.048
V
Voltage
LM4040AIM3
±2
LM4040AIZ
mV
LM4040BIM3
LM4040BIZ
±4.1
VR
LM4040BIM7
Reverse Breakdown
IR = 100 μA
Voltage Tolerance(2)
LM4040AIM3
TA = TJ = TMIN to
±15
LM4040AIZ
TMAX
mV
LM4040BIM3
TA = TJ = TMIN to
LM4040BIZ
±17
TMAX
LM4040BIM7
TA = TJ = 25°C
45
60
Minimum Operating
IRMIN
μA
Current
TA = TJ = TMIN to TMAX
65
IR = 10 mA
±20
ppm/°C
Average Reverse
TA = TJ = 25°C
±15
Breakdown Voltage
ΔVR/ΔT
IR = 1 mA
ppm/°C
Temperature
TA = TJ = TMIN to TMAX
±100
Coefficient(2)
IR = 100 μA
±15
ppm/°C
TA = TJ = 25°C
0.3
0.8
IRMIN ≤ IR ≤ 1 mA
mV
Reverse Breakdown
TA = TJ = TMIN to TMAX
1
ΔVR/ΔI Voltage Change with
R
Operating Current
TA = TJ = 25°C
2.5
6
Change(3)
1 mA
≤ IR ≤ 15 mA
mV
TA = TJ = TMIN to TMAX
8
IR = 1 mA, f = 120
Reverse Dynamic
ZR
Hz,
0.3
0.8
Ω
Impedance
IAC = 0.1 IR
IR = 100 μA
eN
Wideband Noise
35
μVrms
10 Hz
≤ f ≤ 10 kHz
Reverse Breakdown
t = 1000 hrs
ΔVR
Voltage Long Term
T = 25°C ±0.1°C
120
ppm
Stability
IR = 100 μA
VHYST
Thermal Hysteresis(4)
ΔT = –40°C to 125°C
0.08%
(1)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(2)
The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage
Tolerance ±[(
ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature
from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the
different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total overtemperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown below:
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5 V ×
0.75% = ±19 mV.
(3)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(4)
Thermal hysteresis is defined as the difference in voltage measured at 25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature 125°C.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4040-N LM4040-N-Q1


Số phần tương tự - LM4040AIM3-10.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4040AIM3-10.0 NSC-LM4040AIM3-10.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040AIM3-10.0 NSC-LM4040AIM3-10.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3-10.0 TI1-LM4040AIM3-10.0 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-10.0 TI1-LM4040AIM3-10.0 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-10.0 TI1-LM4040AIM3-10.0 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results

Mô tả tương tự - LM4040AIM3-10.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com