công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCW68G bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện BCW68G
Giải thích chi tiết về linh kiện  PNP General-Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCW68G bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  BCW68G Datasheet HTML 1Page - Fairchild Semiconductor BCW68G Datasheet HTML 2Page - Fairchild Semiconductor BCW68G Datasheet HTML 3Page - Fairchild Semiconductor BCW68G Datasheet HTML 4Page - Fairchild Semiconductor BCW68G Datasheet HTML 5Page - Fairchild Semiconductor BCW68G Datasheet HTML 6Page - Fairchild Semiconductor BCW68G Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BCW68G Rev. 1.1.0
2
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. Device mounted on FR-4 PCB 40 mm X 40 mm X 1.5 mm.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
350
mW
Derate Above TA = 25°C
2.8
mW/°C
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
V(BR)CEO
Collector-Emitter Breakdown Voltage IC = -10 mA, IB = 0
-45
V
V(BR)CES
Collector-Emitter Breakdown Voltage IC = -10 μA-60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = -100 μA, IE = 0
-60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = -10 μA, IC = 0
-5.0
V
ICES
Collector Cut-Off Current
VCE = -45 V
-20
nA
VCE = -45V, TA = 150°C
-10
μA
IEBO
Emitter Cut-Off Current
VEB = -4.0 V
-20
nA
hFE
DC Current Gain
IC = -10 mA, VCE = -1.0 V
120
IC = -100 mA, VCE = -1.0 V
160
400
IC = -300 mA, VCE = -1.0 V
60
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -300 mA, IB = -30 mA
-1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = -500 mA, IB = -50 mA
-2.0
V
fT
Current Gain - Bandwidth Product
IC = -20 mA, VCE = -10 V,
f = 100 MHz
100
MHz
Cob
Output Capacitance
VCB = -10 V, IE = 0,
f = 1.0 MHz
18
pF
Cib
Input Capacitance
VEB = -0.5 V, IC = 0,
f = 1.0 MHz
105
pF
NF
Noise Figure
IC = -0.2 mA, VCE = -5.0 V,
RS = 1.0 kΩ, f = 1.0 kHz,
BW = 200 Hz
10
dB


Số phần tương tự - BCW68G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zetex Semiconductors
BCW68G ZETEX-BCW68G Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
BCW68G WINNERJOIN-BCW68G Datasheet
64Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
SHIKUES Electronics
BCW68G SKTECHNOLGY-BCW68G Datasheet
498Kb / 2P
   High Collector Current
logo
Siemens Semiconductor G...
BCW68G SIEMENS-BCW68G Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW68G INFINEON-BCW68G Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
More results

Mô tả tương tự - BCW68G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com