công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADLQM67PC bảng dữ liệu(PDF) 3 Page - ADL Embedded Solutions

tên linh kiện ADLQM67PC
Giải thích chi tiết về linh kiện  hardware monitor with api
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADL [ADL Embedded Solutions]
Trang chủ  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM67PC bảng dữ liệu(HTML) 3 Page - ADL Embedded Solutions

  ADLQM67PC Datasheet HTML 1Page - ADL Embedded Solutions ADLQM67PC Datasheet HTML 2Page - ADL Embedded Solutions ADLQM67PC Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PCIe/104
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Technical Specifications - ADLQM67PC-2715QE
FEATURE
FUNCTION
REMARKS
OPTIONS
LAN
LAN1 Controller
Intel 82579LM Phy
Jumbo Frame Support
LAN1 10/100/1000
10/100/1000 Mbit
LAN1 Diskless Boot option RPL/PXE/WOL
RPL/PXE/WOL
LAN2 Controller
Intel 82574L Phy
Same features as LAN1
Buses
PCI
--
Please call for options
PCIe x1 / x4 / x16
PCIe/104 (PCIe v2.0) - 4 x1 and (1 x16 or 1 x8 and 2 x4)
2.5 / 5 GT/s, Type 1 PCIe signaling
Specials/Options
ATA/SATA Interfaces
ATA primary/secondary
None
SATA Channels
2
SATA RAID Levels 0/1/5/10
0/1
1.5Gbs/3.0Gbs/6.0Gbs
1.5 Gb/s / 3.0 Gb/s / 6.0 Gb/s
Intel Storage Manager - IDE / AHCI / RAID
Onboard Compact Flash / Solid State Disk
None
USB Interfaces
Boot HD/FDD/CDROM/FD/ZIP
HD/FDD/CDROM/FD/ZIP
USB-Channels
8
Protocols - USB 1.1/2.0/Host/Device
1.1/2.0/Host
Serial Interfaces
COM1&2: TTL/RS232/RS485/RS422
RS232
COM3&4: TTL/RS232/RS485/RS422
--
RS232 max Speed
RS232 - 250kbps
SP3244EER1-L
Parallel Interfaces
LPT Uni/ECP/EPP/FDC
--
Specials/Options
16-Bit GPIO
Discrete port
Interfaces
PS/2 Keyboard/Mouse
Yes
Floppy Interface FDC
--
Watchdog
Yes
Power Supply
Supply Voltage
5V , 12V, 5V Suspend
Power Normal (typical)*
TBD
UPS/Pb-Batt
None
Cooling
passive / active
Operating Temperature (ambient)
-25 to 70° C
ADL Embedded Solutions thermal
solution recommended
Extended Temperature
-40 to 85° C
Requires ADL-ET and Approved Thermal solution
Storage Temp.
-40 to 85° C
Dimensions
4.5” x 3.8” (115mm x 96mm)


Số phần tương tự - ADLQM67PC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ADL Embedded Solutions
ADLQM67PC-2655LE ADL-ADLQM67PC-2655LE Datasheet
242Kb / 3P
   Intel Core i7, 2.2 GHz
ADLQM67PC-2715QE ADL-ADLQM67PC-2715QE Datasheet
234Kb / 3P
   Intel Core i7 Quad, 2.1 GHz- 3 GHz
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
346Kb / 4P
   Radar and sonar processing
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
More results

Mô tả tương tự - ADLQM67PC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
logo
STMicroelectronics
AN2491 STMICROELECTRONICS-AN2491 Datasheet
154Kb / 32P
   STW8110x hardware component layer API guide
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
[Old version datasheet]   TruTherm Hardware Monitor
logo
National Semiconductor ...
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
   Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Feature Integration Tec...
F71858AD FINTEK-F71858AD Datasheet
1Mb / 80P
   Hardware Monitor, KBC with GPIO & ACPI
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com