công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC1D806G7 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện LC1D806G7
Giải thích chi tiết về linh kiện  80 A - 120 V AC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D806G7 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  LC1D806G7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D806G7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D806G7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1D806G7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA for signalling circuit
Minimum switching voltage
17 V for signalling circuit
Non-overlap time
1.5 ms on energisation (between NC and NO contact)
1.5 ms on de-energisation (between NC and NO contact)
Insulation resistance
> 10 MOhm for signalling circuit
Environment
IP degree of protection
IP2x front face conforming to IEC 60529
Protective treatment
TH conforming to IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
23...140 °F (-5...60 °C)
Ambient air temperature for storage
-76...176 °F (-60...80 °C)
Permissible ambient air temperature around the
device
-40...158 °F (-40...70 °C) at Uc
Operating altitude
9842.52 ft (3000 m) without derating in temperature
Fire resistance
1562 °F (850 °C) conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Shocks contactor closed 10 Gn for 11 ms
Shocks contactor open 8 Gn for 11 ms
Vibrations contactor closed 3 Gn, 5...300 Hz
Vibrations contactor open 2 Gn, 5...300 Hz
Height
5 in (127 mm)
Width
3.35 in (85 mm)
Depth
5.12 in (130 mm)
Product weight
3.51 lb(US) (1.59 kg)
Ordering and shipping details
Category
22345 - CTR,D-LINE,OPEN,NONREV-NEW
Discount Schedule
I12
GTIN
00785901571735
Nbr. of units in pkg.
1
Package weight(Lbs)
3.08
Product availability
Stock - Normally stocked in distribution facility
Returnability
Y
Country of origin
CZ
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS
Compliant - since 0716 -
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Download Product Environmental
Product end of life instructions
Need no specific recycling operations
Contractual warranty
Period
18 months


Số phần tương tự - LC1D806G7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
LC1D800046G6 SCHNEIDER-LC1D800046G6 Datasheet
153Kb / 3P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 120 V AC 60 Hz coil
LC1D80004B6 SCHNEIDER-LC1D80004B6 Datasheet
153Kb / 3P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 24 V AC 60 Hz coil
LC1D80004B7 SCHNEIDER-LC1D80004B7 Datasheet
159Kb / 3P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 24 V AC 50/60 Hz coil
LC1D80004E7 SCHNEIDER-LC1D80004E7 Datasheet
160Kb / 4P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 48 V AC 50/60 Hz coil
LC1D80004F7 SCHNEIDER-LC1D80004F7 Datasheet
160Kb / 4P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 110 V AC 50/60 Hz coil
More results

Mô tả tương tự - LC1D806G7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
LC1F265G7 ETC2-LC1F265G7 Datasheet
76Kb / 4P
   265 A - coil 120 V AC
LC1F330G7 ETC2-LC1F330G7 Datasheet
75Kb / 4P
   330 A - coil 120 V AC
logo
Schneider Electric
LC1D65008G6 SCHNEIDER-LC1D65008G6 Datasheet
161Kb / 3P
   TeSys D contactor - 4P(2 NO 2 NC) - AC-1 - <= 440 V 80 A - 120 V AC 60 Hz coil
LC1D65008G7 SCHNEIDER-LC1D65008G7 Datasheet
161Kb / 3P
   TeSys D contactor - 4P(2 NO 2 NC) - AC-1 <= 440 V 80 A 120 V AC 50/60 Hz coil
LC1D093G7 SCHNEIDER-LC1D093G7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 120 V AC coil
LC1F500G7 SCHNEIDER-LC1F500G7 Datasheet
151Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 500 A - coil 120 V AC
LC1F2254G7 SCHNEIDER-LC1F2254G7 Datasheet
148Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 315 A - coil 120 V AC
LC1D126G7 SCHNEIDER-LC1D126G7 Datasheet
141Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 120 V AC coil
LC1D326G7 SCHNEIDER-LC1D326G7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 120 V AC coil
LC1D323G7 SCHNEIDER-LC1D323G7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 120 V AC coil
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com