công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC1D150F7 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện LC1D150F7
Giải thích chi tiết về linh kiện  150 A - 110 V AC coil
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D150F7 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  LC1D150F7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D150F7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D150F7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1D150F7 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1D150F7 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
[Ui] rated insulation
voltage
1000 V for power circuit conforming to IEC 60947-4-1
600 V for signalling circuit certifications UL
600 V for signalling circuit certifications CSA
690 V for signalling circuit conforming to IEC 60947-1
600 V for power circuit certifications UL
600 V for power circuit certifications CSA
Electrical durability
1 Mcycles 200 A AC-1 at Ue <= 440 V
0.85 Mcycles 150 A AC-3 at Ue <= 440 V
Power dissipation per
pole
AC-3
AC-1
Protective cover
With
Mounting support
Plate
Rail
Standards
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
CSA C22.2 No 14
Product certifications
BV
CCC
CSA
DNV
GL
GOST
RINA
UL
LROS
Connections - terminals
Power circuit: connector 2 cable(s) 0.02...0.08 in² (10...50
mm²) - cable stiffness: solid - without cable end
Power circuit: connector 1 cable(s) 0.02...0.19 in²
(10...120 mm²) - cable stiffness: solid - without cable end
Power circuit: connector 2 cable(s) 0.02...0.08 in² (10...50
mm²) - cable stiffness: flexible - with cable end
Power circuit: connector 1 cable(s) 0.02...0.19 in²
(10...120 mm²) - cable stiffness: flexible - with cable end
Power circuit: connector 2 cable(s) 0.02...0.08 in² (10...50
mm²) - cable stiffness: flexible - without cable end
Power circuit: connector 1 cable(s) 0.02...0.19 in²
(10...120 mm²) - cable stiffness: flexible - without cable
end
Control circuit: screw clamp terminals 2 cable(s) 0...0 in²
(1...2.5 mm²) - cable stiffness: solid - without cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0 in²
(1...2.5 mm²) - cable stiffness: solid - without cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0 in²
(1...2.5 mm²) - cable stiffness: flexible - without cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0 in²
(1...2.5 mm²) - cable stiffness: flexible - without cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0 in²
(1...2.5 mm²) - cable stiffness: flexible - with cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0 in²
(1...2.5 mm²) - cable stiffness: flexible - with cable end
Tightening torque
Power circuit: 106.19 lbf.in (12 N.m) - on connector
hexagonal 0.16 in (4 mm)
Control circuit: 10.62 lbf.in (1.2 N.m) - on screw clamp
terminals - with screwdriver Philips No 2
Control circuit: 10.62 lbf.in (1.2 N.m) - on screw clamp
terminals - with screwdriver flat Ø 6 mm
Operating time
40...75 ms opening
20...35 ms closing
Safety reliability level
B10d = 20000000 cycles contactor with mechanical load
conforming to EN/ISO 13849-1
B10d = 1369863 cycles contactor with nominal load
conforming to EN/ISO 13849-1
Mechanical durability
8 Mcycles
Operating rate
1200 cyc/h at <= 140 °F (60 °C)


Số phần tương tự - LC1D150F7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
LC1D150FD SCHNEIDER-LC1D150FD Datasheet
123Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 110 V DC standard coil
LC1D150FE7 SCHNEIDER-LC1D150FE7 Datasheet
123Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 115 V AC 50/60 Hz coil
More results

Mô tả tương tự - LC1D150F7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
LC1D1506F7 SCHNEIDER-LC1D1506F7 Datasheet
150Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 110 V AC 50/60 Hz coil
LC1D150FD SCHNEIDER-LC1D150FD Datasheet
123Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 110 V DC standard coil
LC1F5004F7 SCHNEIDER-LC1F5004F7 Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 700 A - coil 110 V AC
LC1D096F7 SCHNEIDER-LC1D096F7 Datasheet
141Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 110 V AC coil
LC1F185F7 SCHNEIDER-LC1F185F7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 185 A - coil 110 V AC
LC1F500F7 SCHNEIDER-LC1F500F7 Datasheet
151Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 500 A - coil 110 V AC
LC1F630G7 SCHNEIDER-LC1F630G7 Datasheet
89Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 630 A - coil 110 V AC
LC1D093F7 SCHNEIDER-LC1D093F7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 110 V AC coil
LC1D123F7 SCHNEIDER-LC1D123F7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 110 V AC coil
LC1D326F7 SCHNEIDER-LC1D326F7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 110 V AC coil
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com