công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7322MM/NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7322MM/NOPB
Giải thích chi tiết về linh kiện  Unlimited Capacitive Load Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MM/NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM7322MM/NOPB Datasheet HTML 1Page - Texas Instruments LM7322MM/NOPB Datasheet HTML 2Page - Texas Instruments LM7322MM/NOPB Datasheet HTML 3Page - Texas Instruments LM7322MM/NOPB Datasheet HTML 4Page - Texas Instruments LM7322MM/NOPB Datasheet HTML 5Page - Texas Instruments LM7322MM/NOPB Datasheet HTML 6Page - Texas Instruments LM7322MM/NOPB Datasheet HTML 7Page - Texas Instruments LM7322MM/NOPB Datasheet HTML 8Page - Texas Instruments LM7322MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
7.5
2.7-V Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 2.7 V, V= 0 V, V
CM = 0.5 V, VOUT = 1.35 V, and RL > 1 MΩ
to 1.35 V.
(1)
PARAMETER
TEST CONDITION
MIN(2)
TYP(3)
MAX(2)
UNIT
−5
±0.7
+5
VOS
Input Offset Voltage
VCM = 0.5 V and VCM = 2.2 V
mV
TA = –40°C to +125°C
−6
+6
Input Offset Voltage
TC VOS
VCM = 0.5 V and VCM = 2.2 V
(4)
±2
µV/C
Temperature Drift
−2
−1.2
VCM = 0.5 V
(5)
TA = –40°C to +125°C
−2.5
IB
Input Bias Current
µA
0.45
1
VCM = 2.2 V
(5)
TA = –40°C to +125°C
1.5
20
200
IOS
Input Offset Current
VCM = 0.5 V and VCM = 2.2 V
nA
TA = –40°C to +125°C
300
70
100
0 V
≤ VCM ≤ 1 V
TA = –40°C to +125°C
60
Common-Mode
CMRR
dB
Rejection Ratio
55
70
0 V
≤ VCM ≤ 2.7 V
TA = –40°C to +125°C
50
78
104
Power Supply Rejection
PSRR
2.7 V
≤ VS ≤ 30 V
dB
Ratio
TA = –40°C to +125°C
74
−0.3
−0.1
Common-Mode Voltage
CMRR > 50 dB
Range (Min)
TA = –40°C to +125°C
0
CMVR
V
2.8
3
Common-Mode Voltage
CMRR > 50 dB
Range (Max)
TA = –40°C to +125°C
2.7
65
72
0.5 V
≤ VO ≤ 2.2 V
RL = 10 kΩ to 1.35 V
TA = –40°C to +125°C
62
AVOL
Open-Loop Voltage Gain
dB
59
66
0.5 V
≤ VO ≤ 2.2 V
RL = 2 kΩ to 1.35V
TA = –40°C to +125°C
55
50
150
RL = 10 kΩ to 1.35 V
VID = 100 mV
TA = –40°C to +125°C
160
Output Voltage Swing
High
100
250
RL = 2 kΩ to 1.35 V
VID = 100 mV
TA = –40°C to +125°C
280
mV from
VOUT
either rail
20
120
RL = 10 kΩ to 1.35 V
VID = −100 mV
TA = –40°C to +125°C
150
Output Voltage Swing
Low
40
120
RL = 2 kΩ to 1.35 V
VID = −100 mV
TA = –40°C to +125°C
150
30
48
Sourcing
VID = 200 mV, VOUT = 0 V
(6)
TA = –40°C to +125°C
20
IOUT
Output Current
mA
Sinking
40
65
VID = −200 mV, VOUT = 2.7
TA = –40°C to +125°C
30
V(6)
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage temperature drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is
infinite for VS ≤ 6 V at room temperature and below. For VS > 6 V, allowable short circuit duration is 1.5 ms.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7321 LM7322


Số phần tương tự - LM7322MM/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7322MM/NOPB TI1-LM7322MM/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
More results

Mô tả tương tự - LM7322MM/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
National Semiconductor ...
LM7321 NSC-LM7321 Datasheet
741Kb / 24P
   Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Texas Instruments
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322MME TI-LM7322MME Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MFE TI-LM7321MFE Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321 TI-LM7321_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM7321x Single and LM7322x Dual Rail-to-Rail Input and Output 짹15-V, High-Output Current and Unlimited Capacitive Load Operational Amplifier
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
[Old version datasheet]   OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com