công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7321MFX/NOPB bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7321MFX/NOPB
Giải thích chi tiết về linh kiện  Unlimited Capacitive Load Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7321MFX/NOPB bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM7321MFX/NOPB Datasheet HTML 6Page - Texas Instruments LM7321MFX/NOPB Datasheet HTML 7Page - Texas Instruments LM7321MFX/NOPB Datasheet HTML 8Page - Texas Instruments LM7321MFX/NOPB Datasheet HTML 9Page - Texas Instruments LM7321MFX/NOPB Datasheet HTML 10Page - Texas Instruments LM7321MFX/NOPB Datasheet HTML 11Page - Texas Instruments LM7321MFX/NOPB Datasheet HTML 12Page - Texas Instruments LM7321MFX/NOPB Datasheet HTML 13Page - Texas Instruments LM7321MFX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
0.1
1
10
100
ISOURCE (mA)
0.01
0.1
1
10
VS = ±15V
125°C
85°C
25°C
-40°C
0.1
1
10
100
ISINK (mA)
0.01
0.1
1
10
VS = ±15V
125°C
85°C
25°C
-40°C
0.1
1
10
100
ISOURCE (mA)
0.01
0.1
1
10
VS = ±5V
125°C
85°C
25°C
-40°C
0.1
1
10
100
ISINK (mA)
0.01
0.1
1
10
VS = ±5V
125°C
85°C
25°C
-40°C
0.1
1
10
100
ISOURCE (mA)
0.01
0.1
1
10
VS = 2.7V
125°C
85°C
25°C
-40°C
0.1
1
10
100
ISINK (mA)
0.01
0.1
1
10
VS = 2.7V
125°C
85°C
25°C
-40°C
LM7321, LM7322
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
www.ti.com
7.8 Typical Characteristics
Unless otherwise specified: TA = 25°C.
Figure 1. Output Swing vs. Sourcing Current
Figure 2. Output Swing vs. Sinking Current
Figure 3. Output Swing vs. Sourcing Current
Figure 4. Output Swing vs. Sinking Current
Figure 5. Output Swing vs. Sourcing Current
Figure 6. Output Swing vs. Sinking Current
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322


Số phần tương tự - LM7321MFX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7321MFX/NOPB TI1-LM7321MFX/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
More results

Mô tả tương tự - LM7321MFX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
National Semiconductor ...
LM7321 NSC-LM7321 Datasheet
741Kb / 24P
   Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Texas Instruments
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322MME TI-LM7322MME Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MFE TI-LM7321MFE Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321 TI-LM7321_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM7321x Single and LM7322x Dual Rail-to-Rail Input and Output 짹15-V, High-Output Current and Unlimited Capacitive Load Operational Amplifier
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
[Old version datasheet]   OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com