công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7321MFE/NOPB bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7321MFE/NOPB
Giải thích chi tiết về linh kiện  Unlimited Capacitive Load Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7321MFE/NOPB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM7321MFE/NOPB Datasheet HTML 1Page - Texas Instruments LM7321MFE/NOPB Datasheet HTML 2Page - Texas Instruments LM7321MFE/NOPB Datasheet HTML 3Page - Texas Instruments LM7321MFE/NOPB Datasheet HTML 4Page - Texas Instruments LM7321MFE/NOPB Datasheet HTML 5Page - Texas Instruments LM7321MFE/NOPB Datasheet HTML 6Page - Texas Instruments LM7321MFE/NOPB Datasheet HTML 7Page - Texas Instruments LM7321MFE/NOPB Datasheet HTML 8Page - Texas Instruments LM7321MFE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
A
B
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
N/C
OUT
N/C
-
+
OUT
V
-
+IN
V
+
-IN
1
2
3
5
4
-
LM7321, LM7322
www.ti.com
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
5 Description continued
There are several package options for each part. Standard SOIC versions of both parts make upgrading existing
designs easy. LM7322x are offered in a space-saving 8-Pin VSSOP package. The LM7321x are offered in small
SOT-23 package, which makes it easy to place this part close to sensors for better circuit performance.
6 Pin Configuration and Functions
DBV Package
D Package
5-Pin SOT-23
8-Pin SOIC
Top View
Top View
DGK Package
8-Pin VSSOP or SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
SOT-23
VSSOP,
NAME
SOIC NO.
NO.
SOIC NO.
OUT
1
6
O
Output
OUT A
1
O
Output for Amplifier A
OUT B
7
O
Output for Amplifier B
V+
5
7
7
P
Positive Supply
V–
2
4
4
P
Negative Supply
+IN
3
3
I
Noninverting Input
–IN
4
2
I
Inverting Input
+IN A
3
I
Noninverting Input for Amplifier A
–IN A
2
I
Inverting Input for Amplifier A
+IN B
5
I
Noninverting Input for Amplifier B
–IN B
6
I
Inverting Input for Amplifier B
N/C
1, 5, 8
No connection
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM7321 LM7322


Số phần tương tự - LM7321MFE/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7321MFE/NOPB TI1-LM7321MFE/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
More results

Mô tả tương tự - LM7321MFE/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
National Semiconductor ...
LM7321 NSC-LM7321 Datasheet
741Kb / 24P
   Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Texas Instruments
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322MME TI-LM7322MME Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MFE TI-LM7321MFE Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321 TI-LM7321_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM7321x Single and LM7322x Dual Rail-to-Rail Input and Output 짹15-V, High-Output Current and Unlimited Capacitive Load Operational Amplifier
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
[Old version datasheet]   OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com