công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7321MF/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7321MF/NOPB
Giải thích chi tiết về linh kiện  Unlimited Capacitive Load Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7321MF/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM7321MF/NOPB Datasheet HTML 1Page - Texas Instruments LM7321MF/NOPB Datasheet HTML 2Page - Texas Instruments LM7321MF/NOPB Datasheet HTML 3Page - Texas Instruments LM7321MF/NOPB Datasheet HTML 4Page - Texas Instruments LM7321MF/NOPB Datasheet HTML 5Page - Texas Instruments LM7321MF/NOPB Datasheet HTML 6Page - Texas Instruments LM7321MF/NOPB Datasheet HTML 7Page - Texas Instruments LM7321MF/NOPB Datasheet HTML 8Page - Texas Instruments LM7321MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
0.1
1
10
100
ISOURCE (mA)
0.01
0.1
1
10
VS = ±15V
125°C
85°C
25°C
-40°C
5 Ps/DIV
VS = ±15V, AV = +1
INPUT
10 pF
2,200 pF
8,600 pF
12,200 pF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM7321, LM7322
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
LM7321x Single and LM7322x Dual Rail-to-Rail Input and Output ±15-V, High-Output
Current and Unlimited Capacitive Load Operational Amplifier
1 Features
3 Description
The LM732xx devices are rail-to-rail input and output
1
(VS = ±15, TA = 25°C, Typical Values Unless
amplifiers with wide operating voltages and high-
Specified.)
output currents. The LM732xx family is efficient,
Wide Supply Voltage Range 2.5 V to 32 V
achieving 18-V/µs slew rate and 20-MHz unity gain
Output Current +65 mA/
−100 mA
bandwidth while requiring only 1 mA of supply current
per op amp. The LM732xx device performance is fully
Gain Bandwidth Product 20 MHz
specified for operation at 2.7 V, ±5 V and ±15 V.
Slew Rate 18 V/µs
The LM732xx devices are designed to drive unlimited
Capacitive Load Tolerance Unlimited
capacitive loads without oscillations. All LM7321x and
Input Common-Mode Voltage 0.3-V Beyond Rails
LM7322x parts are tested at
−40°C, 125°C, and
Input Voltage Noise 15 nV/
√Hz
25°C, with modern automatic test equipment. High
performance
from
−40°C
to
125°C,
detailed
Input Current Noise 1.3 pA/
√Hz
specifications, and extensive testing makes them
Supply Current/Channel 1.1 mA
suitable
for
industrial,
automotive,
and
Distortion THD+Noise
−86 dB
communications applications.
Temperature Range
−40°C to 125°C
Greater than rail-to-rail input common-mode voltage
Tested at
−40°C, 25°C and 125°C at 2.7 V, ±5 V,
range with 50 dB of common-mode rejection across
±15 V.
this wide voltage range, allows both high-side and
low-side
sensing.
Most
device
parameters
are
LM732xx are Automotive Grade Products that are
insensitive to power supply voltage, and this makes
AEC-Q100 Grade 1 Qualified.
the parts easier to use where supply voltage may
vary, such as automotive electrical systems and
2 Applications
battery powered equipment. These amplifiers have
Driving MOSFETs and Power Transistors
true rail-to-rail output and can supply a respectable
amount of current (15 mA) with minimal head- room
Capacitive Proximity Sensors
from either rail (300 mV) at low distortion (0.05%
Driving Analog Optocouplers
THD+Noise).
High-Side Sensing
Device Information(1)
Below Ground Current Sensing
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Photodiode Biasing
SOIC (8)
4.90 mm × 3.91 mm
LM7321
Driving Varactor Diodes in PLLs
LM7322
SOT (5)
2.90 mm × 1.60 mm
Wide Voltage Range Power supplies
LM7322
VSSOP (8)
3.00 mm × 3.00 mm
Automotive
(1) For all available packages, see the orderable addendum at
International Power Supplies
the end of the data sheet.
Output Swing vs. Sourcing Current
Large Signal Step Response
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM7321MF/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7321MF/NOPB TI1-LM7321MF/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
More results

Mô tả tương tự - LM7321MF/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
National Semiconductor ...
LM7321 NSC-LM7321 Datasheet
741Kb / 24P
   Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Texas Instruments
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322MME TI-LM7322MME Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MFE TI-LM7321MFE Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321 TI-LM7321_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM7321x Single and LM7322x Dual Rail-to-Rail Input and Output 짹15-V, High-Output Current and Unlimited Capacitive Load Operational Amplifier
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
[Old version datasheet]   OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com