công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV951MK bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LMV951MK
Giải thích chi tiết về linh kiện  1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV951MK bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMV951MK Datasheet HTML 6Page - Texas Instruments LMV951MK Datasheet HTML 7Page - Texas Instruments LMV951MK Datasheet HTML 8Page - Texas Instruments LMV951MK Datasheet HTML 9Page - Texas Instruments LMV951MK Datasheet HTML 10Page - Texas Instruments LMV951MK Datasheet HTML 11Page - Texas Instruments LMV951MK Datasheet HTML 12Page - Texas Instruments LMV951MK Datasheet HTML 13Page - Texas Instruments LMV951MK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0.8
1.2
1.6
2
2.4
2.8
3.2
SUPPLY VOLTAGE (V)
20
40
60
80
100
120
140
RL = 600:
125°C
25°C
-40°C
0.8
1.2
1.6
2
2.4
2.8
3.2
SUPPLY VOLTAGE (V)
20
30
40
50
60
70
125°C
25°C
-40°C
RL = 600:
0.8
1.2
1.6
2
2.4
2.8
3.2
SUPPLY VOLTAGE (V)
0
10
20
30
40
50
125°C
25°C
-40°C
RL = 2 k:
0.8
1.2
1.6
2
2.4
2.8
3.2
SUPPLY VOLTAGE (V)
0
10
20
30
40
125°C
25°C
-40°C
RL = 2 k:
0
0.5
1
1.5
2
2.5
3
VOUT (V)
0
30
60
90
120
150
180
210
125°C
-40°C
25°C
V
+
= 3V
0
0.5
1
1.5
2
2.5
3
VOUT (V)
0
20
40
60
80
100
120
140
160
125°C
25°C
-40°C
V
+
= 3V
LMV951
SNOSAI3D – OCTOBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 1 V, V= 0 V, V
CM = V
+/2 = V
O.
Figure 19. Sourcing Current vs Output Voltage
Figure 20. Sinking Current vs Output Voltage
Figure 21. Positive Output Swing vs Supply Voltage
Figure 22. Negative Output Swing vs Supply Voltage
Figure 23. Positive Output Swing vs Supply Voltage
Figure 24. Negative Output Swing vs Supply Voltage
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LMV951


Số phần tương tự - LMV951MK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV951MK NSC-LMV951MK Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKNOPB NSC-LMV951MKNOPB Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKX NSC-LMV951MKX Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKXNOPB NSC-LMV951MKXNOPB Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
More results

Mô tả tương tự - LMV951MK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
logo
Analog Devices
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com